Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5559-24P-210 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 5559-24P-210
Description  4.20mm (.165") Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5559-24P-210 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  5559-24P-210 Datasheet HTML 1Page - Molex Electronics Ltd. 5559-24P-210 Datasheet HTML 2Page - Molex Electronics Ltd. 5559-24P-210 Datasheet HTML 3Page - Molex Electronics Ltd. 5559-24P-210 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 5559-24P-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5559-24P-210 MOLEX11-5559-24P-210 Datasheet
38Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears, UL 94V-0, Panel Mount,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com