Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPI-244 Datasheet(PDF) 1 Page - Rohm

Part # RPI-244
Description  Photointerrupter, double-layer mold type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPI-244 Datasheet(HTML) 1 Page - Rohm

  RPI-244 Datasheet HTML 1Page - Rohm RPI-244 Datasheet HTML 2Page - Rohm RPI-244 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FExternal dimensions (Units: mm)
233
Sensors
Photointerrupter, double-layer mold
type
RPI-244
The RPI-244 is a compact, double-layer mold photointerrupter.
FApplications
Floppy disk drives
Printers
FFeatures
1) Compact package based on the double-mold
method.
2) High resolution (slit width = 0.4 mm).
3) Gap between emitter and detector is 2.0 mm.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - RPI-244

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-243 ROHM-RPI-243 Datasheet
70Kb / 3P
   Photointerrupter, double-layer mold type
RPI-246 ROHM-RPI-246 Datasheet
71Kb / 3P
   Photointerrupter, double-layer mold type
RPI-246 ROHM-RPI-246 Datasheet
72Kb / 2P
   Photointerrupter, Small type
RPI-246 ROHM-RPI-246_05 Datasheet
72Kb / 2P
   Photointerrupter, Small type
More results

Similar Description - RPI-244

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-1133 ROHM-RPI-1133 Datasheet
61Kb / 3P
   Photointerrupter double-layer mold type
RPI-122 ROHM-RPI-122 Datasheet
81Kb / 3P
   Photointerrupter, double-layer mold type
RPI-131 ROHM-RPI-131 Datasheet
73Kb / 3P
   Photointerrupter, double-layer mold type
RPI-246 ROHM-RPI-246 Datasheet
71Kb / 3P
   Photointerrupter, double-layer mold type
RPI-221 ROHM-RPI-221 Datasheet
76Kb / 3P
   Photointerrupter, double-layer mold type
RPI-243 ROHM-RPI-243 Datasheet
70Kb / 3P
   Photointerrupter, double-layer mold type
RPI-441C1 ROHM-RPI-441C1 Datasheet
74Kb / 3P
   Photointerrupter, double-layer mold type
RPI-304 ROHM-RPI-304 Datasheet
77Kb / 4P
   Photointerrupter, double-layer mold type
RPI-222 ROHM-RPI-222 Datasheet
82Kb / 3P
   Photointerrupter, double-layer mold type
RPI-352 ROHM-RPI-352 Datasheet
77Kb / 3P
   Photointerrupter, double-layer mold type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com