Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RPI-243 Datasheet(PDF) 1 Page - Rohm

Part No. RPI-243
Description  Photointerrupter, double-layer mold type
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

RPI-243 Datasheet(HTML) 1 Page - Rohm

  RPI-243 Datasheet HTML 1Page - Rohm RPI-243 Datasheet HTML 2Page - Rohm RPI-243 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FExternal dimensions (Units: mm)
227
Sensors
Photointerrupter, double-layer mold
type
RPI-243
The RPI-243 is a compact, double-layer mold photointerrupter.
FApplications
Floppy disk drives
Printers
CD-ROM
FFeatures
1) Compact package based on the double-mold
method.
2) High resolution (slit width = 0.4 mm).
3) Gap between emitter and detector is 2.0 mm.
FAbsolute maximum ratings (Ta = 25_C)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn