Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS10KMH-03 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. FS10KMH-03
Description  HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS10KMH-03 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS10KMH-03 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS10KMH-03 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS10KMH-03 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS10KMH-03 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS10KMH-03
OUTLINE DRAWING
Dimensions in mm
TO-220FN
MITSUBISHI Nch POWER MOSFET
FS10KMH-03
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
V
V
A
A
A
A
A
W
°C
°C
V
g
30
±10
10
40
10
10
40
15
–55 ~ +150
–55 ~ +150
2000
2.0
VGS = 0V
VDS = 0V
L = 30
µH
AC for 1minute, Terminal to case
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Viso
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡2.5V DRIVE
¡VDSS .................................................................................. 30V
¡rDS (ON) (MAX) .............................................................. 92m
¡ID ......................................................................................... 10A
¡Integrated Fast Recovery Diode (TYP.) ............. 35ns
¡Viso ................................................................................ 2000V
10
± 0.3
2.8
± 0.2
f 3.2
± 0.2
1.1
± 0.2
1.1
± 0.2
0.75
± 0.15
2.54
± 0.25
2.54
± 0.25
0.75
± 0.15
12 3
q GATE
w DRAIN
e SOURCE
E
w
q
e


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FK14SM-12 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FK20KM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FS100SMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10KM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10VS-14A HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS14UM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS16VS-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS20UM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS2VS-12 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS30KMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn