Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022436130 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022436130
Description  2.50mm (.098") Pitch SPOX Header, Shrouded, Staggered Footprint, 13 Circuits, White
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022436130 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022436130 Datasheet HTML 1Page - Molex Electronics Ltd. 0022436130 Datasheet HTML 2Page - Molex Electronics Ltd. 0022436130 Datasheet HTML 3Page - Molex Electronics Ltd. 0022436130 Datasheet HTML 4Page - Molex Electronics Ltd. 0022436130 Datasheet HTML 5Page - Molex Electronics Ltd. 0022436130 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022436130
Status:
Active
Description:
2.50mm (.098") Pitch SPOX™ Header, Shrouded, Staggered Footprint, 13 Circuits,
White
Documents:
3D Model
Product Specification PS-42219-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42249
Application
Wire-to-Board
Product Name
SPOX™
Physical
Breakaway
No
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
101.6
Plating min: Mating (µm)
2.54
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42249Series
Mates With
42219


Similar Part No. - 0022436130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022436100 MOLEX3-0022436100 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 10 Circuits, White
0022436110 MOLEX3-0022436110 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 11 Circuits, White
0022436120 MOLEX3-0022436120 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 12 Circuits, White
0022436140 MOLEX3-0022436140 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 14 Circuits, White
0022436150 MOLEX3-0022436150 Datasheet
121Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, Staggered Footprint, 15 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com