Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

42172B1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 42172B1
Description  Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42172B1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42172B1 Datasheet HTML 1Page - Molex Electronics Ltd. 42172B1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0040062005
Status:
Active
Description:
Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel, 1.27mm
(.050") Panel Thickness
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E126412
General
Product Family
Crimp Terminals
Series
42172
Comments
(2) 18 AWG, or (1) 18 and (1) 16 AWG
Crimp Quality Equipment
Yes
Product Name
Panel Grounding Clip
Physical
Gender
Female
Material - Metal
Stainless Steel
Material - Plating Mating
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.00mm (.118") max
Wire Size AWG
16, 18
Wire Size mm²
N/A
Material Info
Old Part Number
42172B1
Reference - Drawing Numbers
Sales Drawing
SD-42172-**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42172Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638913000
This document was generated on 03/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42172B1

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
42172BB1 MOLEX3-42172BB1 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness
More results

Similar Description - 42172B1

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0040062013 MOLEX3-0040062013 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel
0040062017 MOLEX3-0040062017 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, Reel, 301 Stainless Steel
0040062015 MOLEX3-0040062015 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness
0040062014 MOLEX3-0040062014 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 0.89mm (.035") Panel Thickness
0040062003 MOLEX3-0040062003 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel, 0.89mm (.035") Panel Thickness, 0.20mm (.008") Dimension F
0040062024 MOLEX3-0040062024 Datasheet
115Kb / 2P
   Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel, 0.89mm (.035") Panel Thickness, 0.10mm (.004") Dimension F
0357460210 MOLEX5-0357460210 Datasheet
101Kb / 2P
   Crimp Terminal 35746, 16-18 AWG
0357450210 MOLEX5-0357450210 Datasheet
120Kb / 3P
   Crimp Terminal 35745, 16-18 AWG
0357470210 MOLEX5-0357470210 Datasheet
116Kb / 2P
   Crimp Terminal 35747, 16-18 AWG
0357480210 MOLEX5-0357480210 Datasheet
99Kb / 2P
   Crimp Terminal 35748, 16-18 AWG
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz