Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42377-0112 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 42377-0112
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 7 Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42377-0112 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 42377-0112 Datasheet HTML 5Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 6Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 7Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 8Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 9Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 10Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 11Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 12Page - Molex Electronics Ltd. 42377-0112 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0352/0386
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BCB228
PIN LENGTH: L
.565/14.35
MATING LENGTH: M
.244/6.20
GOLD POINT: G
.100/2.54
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43.
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9024 42377-0352
20
22-28-9204 42377-0370
03
22-28-9034 42377-0353
21
22-28-9214 42377-0371
04
22-28-9044 42377-0354
22
22-28-9224 42377-0372
05
22-28-9054 42377-0355
23
22-28-9234 42377-0373
06
22-28-9064 42377-0356
24
22-28-9244 42377-0374
07
22-28-9074 42377-0357
25
22-28-9254 42377-0375
08
22-28-9084 42377-0358
26
22-28-9264 42377-0376
09
22-28-9094 42377-0359
27
22-28-9274 42377-0377
10
22-28-9104 42377-0360
28
22-28-9284 42377-0378
11
22-28-9114 42377-0361
29
22-28-9294 42377-0379
12
22-28-9124 42377-0362
30
22-28-9304 42377-0380
13
22-28-9134 42377-0363
31
22-28-9314 42377-0381
14
22-28-9144 42377-0364
32
22-28-9324 42377-0382
15
22-28-9154 42377-0365
33
22-28-9334 42377-0383
16
22-28-9164 42377-0366
34
22-28-9344 42377-0384
17
22-28-9174 42377-0367
35
22-28-9354 42377-0385
18
22-28-9184 42377-0368
36
22-28-9364 42377-0386
19
22-28-9194 42377-0369
A-42377-0387/0421
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BXB228
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9025
42377-0387
20
22-28-9205 42377-0405
03
22-28-9035
42377-0388
21
22-28-9215 42377-0406
04
22-28-9045
42377-0389
22
22-28-9225 42377-0407
05
22-28-9055
42377-0390
23
22-28-9235 42377-0408
06
22-28-9065
42377-0391
24
22-28-9245 42377-0409
07
22-28-9075
42377-0392
25
22-28-9255 42377-0410
08
22-28-9085
42377-0393
26
22-28-9265 42377-0411
09
22-28-9095
42377-0394
27
22-28-9275 42377-0412
10
22-28-9105
42377-0395
28
22-28-9285 42377-0413
11
22-28-9115
42377-0396
29
22-28-9295 42377-0414
12
22-28-9125
42377-0397
30
22-28-9305 42377-0415
13
22-28-9135
42377-0398
31
22-28-9315 42377-0416
14
22-28-9145
42377-0399
32
22-28-9325 42377-0417
15
22-28-9155
42377-0400
33
22-28-9335 42377-0418
16
22-28-9165
42377-0401
34
22-28-9345 42377-0419
17
22-28-9175
42377-0402
35
22-28-9355 42377-0420
18
22-28-9185
42377-0403
36
22-28-9365 42377-0421
19
22-28-9195
42377-0404


Similar Part No. - 42377-0112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0112 MOLEX11-42377-0112 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 7 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.23mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com