Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5557-04R1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5557-04R1
Description  4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5557-04R1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5557-04R1 Datasheet HTML 1Page - Molex Electronics Ltd. 5557-04R1 Datasheet HTML 2Page - Molex Electronics Ltd. 5557-04R1 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039013042
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit Jr.™ Receptacle Housing, Dual Row, PA Polyamide
Nylon 6/6, UL 94V-2, 4 Circuits
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
5557
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current de-
rating information.. See Molex product specification
PS-5556-001 for additional current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
5557-04R1
Reference - Drawing Numbers
Product Specification
PS-5556-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5557Series
Mates With
39-01-2041 Panel Mount Plug, 39-01-3043
Free Hanging Plug, 5566 Vertical Headers,
5569 Right Angle Headers, 42440 PCB
Headers
Use With
44476 Mini-Fit HCS™ Female Crimp
Terminals. 45750 Mini-Fit Plus HCS™
Female Crimp Terminals. 5556 Mini-Fit Jr.™
Female Crimp Terminals. 444851211 Mini-
Fit® High Cycle Female Crimp Terminal


Similar Part No. - 5557-04R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5557-04R1 MOLEX11-5557-04R1 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2, 4
5557-04R1-210 MOLEX3-5557-04R1-210 Datasheet
113Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 4 Circuits
5557-04R1-210 MOLEX11-5557-04R1-210 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com