Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022426043 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0022426043
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-To, 22 AWG Wire
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022426043 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0022426043 Datasheet HTML 1Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 2Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 3Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 4Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 5Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 6Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 7Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 8Page - Molex Electronics Ltd. 0022426043 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
3
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANA102
A-7720-BNA102
A-7720-CNA102
A-7720-DNA102
A-7720-ENA102
A-7720-FNA102
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING
7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO 7691-A102
TERM. NO
7691-A102
TERM. NO
7691-A102
TERM. NO 7691-A102
TERM. NO
7691-A102
TERM. NO
7691-A102
PLATING:
102
PLATING:
102
PLATING:
102
PLATING:
102
PLATING:
102
PLATING:
102
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
COLOR
BROWN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-26-7021
A-7720-A02A102A
22-26-8021
A-7720-B02A102A
22-26-9021
A-7720-C02A102A
22-41-3021
A-7720-D02A102A
22-41-4021
A-7720-E02A102A
22-41-5021
A-7720-F02A102A
22-26-7031
A-7720-A03A102A
22-26-8031
A-7720-B03A102A
22-26-9031
A-7720-C03A102A
22-41-3031
A-7720-D03A102A
22-41-4031
A-7720-E03A102A
22-41-5031
A-7720-F03A102A
22-26-7041
A-7720-A04A102A
22-26-8041
A-7720-B04A102A
22-26-9041
A-7720-C04A102A
22-41-3041
A-7720-D04A102A
22-41-4041
A-7720-E04A102A
22-41-5041
A-7720-F04A102A
22-26-7051
A-7720-A05A102A
22-26-8051
A-7720-B05A102A
22-26-9051
A-7720-C05A102A
22-41-3051
A-7720-D05A102A
22-41-4051
A-7720-E05A102A
22-41-5051
A-7720-F05A102A
22-26-7061
A-7720-A06A102A
22-26-8061
A-7720-B06A102A
22-26-9061
A-7720-C06A102A
22-41-3061
A-7720-D06A102A
22-41-4061
A-7720-E06A102A
22-41-5061
A-7720-F06A102A
22-26-7071
A-7720-A07A102A
22-26-8071
A-7720-B07A102A
22-26-9071
A-7720-C07A102A
22-41-3071
A-7720-D07A102A
22-41-4071
A-7720-E07A102A
22-41-5071
A-7720-F07A102A
22-26-7081
A-7720-A08A102A
22-26-8081
A-7720-B08A102A
22-26-9081
A-7720-C08A102A
22-41-3081
A-7720-D08A102A
22-41-4081
A-7720-E08A102A
22-41-5081
A-7720-F08A102A
22-26-7091
A-7720-A09A102A
22-26-8091
A-7720-B09A102A
22-26-9091
A-7720-C09A102A
22-41-3091
A-7720-D09A102A
22-41-4091
A-7720-E09A102A
22-41-5091
A-7720-F09A102A
22-26-7101
A-7720-A10A102A
22-26-8101
A-7720-B10A102A
22-26-9101
A-7720-C10A102A
22-41-3101
A-7720-D10A102A
22-41-4101
A-7720-E10A102A
22-41-5101
A-7720-F10A102A
22-26-7111
A-7720-A11A102A
22-26-8111
A-7720-B11A102A
22-26-9111
A-7720-C11A102A
22-41-3111
A-7720-D11A102A
22-41-4111
A-7720-E11A102A
22-41-5111
A-7720-F11A102A
22-26-7121
A-7720-A12A102A
22-26-8121
A-7720-B12A102A
22-26-9121
A-7720-C12A102A
22-41-3121
A-7720-D12A102A
22-41-4121
A-7720-E12A102A
22-41-5121
A-7720-F12A102A
22-26-7131
A-7720-A13A102A
22-26-8131
A-7720-B13A102A
22-26-9131
A-7720-C13A102A
22-41-3131
A-7720-D13A102A
22-41-4131
A-7720-E13A102A
22-41-5131
A-7720-F13A102A
22-26-7141
A-7720-A14A102A
22-26-8141
A-7720-B14A102A
22-26-9141
A-7720-C14A102A
22-41-3141
A-7720-D14A102A
22-41-4141
A-7720-E14A102A
22-41-5141
A-7720-F14A102A
22-26-7151
A-7720-A15A102A
22-26-8151
A-7720-B15A102A
22-26-9151
A-7720-C15A102A
22-41-3151
A-7720-D15A102A
22-41-4151
A-7720-E15A102A
22-41-5151
A-7720-F15A102A
22-26-7161
A-7720-A16A102A
22-26-8161
A-7720-B16A102A
22-26-9161
A-7720-C16A102A
22-41-3161
A-7720-D16A102A
22-41-4161
A-7720-E16A102A
22-41-5161
A-7720-F16A102A
22-26-7171
A-7720-A17A102A
22-26-8171
A-7720-B17A102A
22-26-9171
A-7720-C17A102A
22-41-3171
A-7720-D17A102A
22-41-4171
A-7720-E17A102A
22-41-5171
A-7720-F17A102A
22-26-7181
A-7720-A18A102A
22-26-8181
A-7720-B18A102A
22-26-9181
A-7720-C18A102A
22-41-3181
A-7720-D18A102A
22-41-4181
A-7720-E18A102A
22-41-5181
A-7720-F18A102A
22-26-7191
A-7720-A19A102A
22-26-8191
A-7720-B19A102A
22-26-9191
A-7720-C19A102A
22-41-3191
A-7720-D19A102A
22-41-4191
A-7720-E19A102A
22-41-5191
A-7720-F19A102A
22-26-7201
A-7720-A20A102A
22-26-8201
A-7720-B20A102A
22-26-9201
A-7720-C20A102A
22-41-3201
A-7720-D20A102A
22-41-4201
A-7720-E20A102A
22-41-5201
A-7720-F20A102A
22-26-7211
A-7720-A21A102A
22-26-8211
A-7720-B21A102A
22-26-9211
A-7720-C21A102A
22-41-3211
A-7720-D21A102A
22-41-4211
A-7720-E21A102A
22-41-5211
A-7720-F21A102A
22-26-7221
A-7720-A22A102A
22-26-8221
A-7720-B22A102A
22-26-9221
A-7720-C22A102A
22-41-3221
A-7720-D22A102A
22-41-4221
A-7720-E22A102A
22-41-5221
A-7720-F22A102A
22-26-7231
A-7720-A23A102A
22-26-8231
A-7720-B23A102A
22-26-9231
A-7720-C23A102A
22-41-3231
A-7720-D23A102A
22-41-4231
A-7720-E23A102A
22-41-5231
A-7720-F23A102A
22-26-7241
A-7720-A24A102A
22-26-8241
A-7720-B24A102A
22-26-9241
A-7720-C24A102A
22-41-3241
A-7720-D24A102A
22-41-4241
A-7720-E24A102A
22-41-5241
A-7720-F24A102A
22-26-7251
A-7720-A25A102A
22-26-8251
A-7720-B25A102A
22-26-9251
A-7720-C25A102A
22-41-3251
A-7720-D25A102A
22-41-4251
A-7720-E25A102A
22-41-5251
A-7720-F25A102A
22-26-7261
A-7720-A26A102A
22-26-8261
A-7720-B26A102A
22-26-9261
A-7720-C26A102A
22-41-3261
A-7720-D26A102A
22-41-4261
A-7720-E26A102A
22-41-5261
A-7720-F26A102A
22-26-7271
A-7720-A27A102A
22-26-8271
A-7720-B27A102A
22-26-9271
A-7720-C27A102A
22-41-3271
A-7720-D27A102A
22-41-4271
A-7720-E27A102A
22-41-5271
A-7720-F27A102A
22-26-7281
A-7720-A28A102A
22-26-8281
A-7720-B28A102A
22-26-9281
A-7720-C28A102A
22-41-3281
A-7720-D28A102A
22-41-4281
A-7720-E28A102A
22-41-5281
A-7720-F28A102A


Similar Part No. - 0022426043

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022426040 MOLEX3-0022426040 Datasheet
491Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
0022426041 MOLEX3-0022426041 Datasheet
491Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire, Friction Ramp
0022426042 MOLEX3-0022426042 Datasheet
491Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
0022426044 MOLEX3-0022426044 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-To, 22 AWG Wire, Friction Ramp and Polarizing Rib
0022426045 MOLEX3-0022426045 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-To, 22 AWG Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com