Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022438070 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0022438070
Description  2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 7 Circuits, White
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022438070 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0022438070 Datasheet HTML 1Page - Molex Electronics Ltd. 0022438070 Datasheet HTML 2Page - Molex Electronics Ltd. 0022438070 Datasheet HTML 3Page - Molex Electronics Ltd. 0022438070 Datasheet HTML 4Page - Molex Electronics Ltd. 0022438070 Datasheet HTML 5Page - Molex Electronics Ltd. 0022438070 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC NO:
UCP2007-1449
Q1
DATE:
12/19/2006
TITLE:
2.5 MM HEADER ASSEMBLY
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42267-*
ELHAG
LSCHMIDT
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42267-NA-*
A-42267-NB-*
A-42267-NC-*
HOUSING
42249-N
HOUSING
42249-NA
HOUSING
42249-NB
COLOR
NATURAL
COLOR
BLUE
COLOR
BROWN
PIN NO
45613-0006
PIN NO
45613-0006
PIN NO
45613-0006
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-43-8020
A-42267-2A
2
22-43-8023
A-42267-2B
2
50-34-8534
A-42267-2C
3
22-43-8030
A-42267-3A
3
22-43-8033
A-42267-3B
3
A-42267-3C
4
22-43-8040
A-42267-4A
4
A-42267-4B
4
A-42267-4C
5
22-43-8050
A-42267-5A
5
A-42267-5B
5
A-42267-5C
6
22-43-8060
A-42267-6A
6
22-43-8063
A-42267-6B
6
A-42267-6C
7
22-43-8070
A-42267-7A
7
A-42267-7B
7
A-42267-7C
8
22-43-8080
A-42267-8A
8
A-42267-8B
8
A-42267-8C
9
22-43-8090
A-42267-9A
9
A-42267-9B
9
A-42267-9C
10
22-43-8100
A-42267-10A
10
22-43-8103
A-42267-10B
10
A-42267-10C
11
22-43-8110
A-42267-11A
11
A-42267-11B
11
A-42267-11C
12
22-43-8120
A-42267-12A
12
A-42267-12B
12
A-42267-12C
13
22-43-8130
A-42267-13A
13
A-42267-13B
13
A-42267-13C
14
22-43-8140
A-42267-14A
14
A-42267-14B
14
A-42267-14C
15
22-43-8150
A-42267-15A
15
A-42267-15B
15
A-42267-15C
A-42267-10A-6
6
A-42267-15A-3
3
A-42267-7A-2
2
22-44-8030
A-42267-3A-2
2


Similar Part No. - 0022438070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022438020 MOLEX3-0022438020 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 2 Circuits, White
0022438030 MOLEX3-0022438030 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, In-line Footprint, 3 Circuits, White
0022438040 MOLEX3-0022438040 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 4 Circuits, White
0022438044 MOLEX3-0022438044 Datasheet
115Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, In-line Footprint, 4 Circuits, Yellow
0022438050 MOLEX3-0022438050 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX??Header, Shrouded, In-line Footprint, 5 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com