Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-5265 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # C-5265
Description  Avikrimp Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

C-5265 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  C-5265 Datasheet HTML 1Page - Molex Electronics Ltd. C-5265 Datasheet HTML 2Page - Molex Electronics Ltd. C-5265 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - C-5265

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-5265T MOLEX3-C-5265T Datasheet
106Kb / 2P
   Avikrimp?줢uick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
C-5265Z MOLEX3-C-5265Z Datasheet
108Kb / 3P
   Fully Insulated Quick Disconnect, Female, Expanded Flare, Oval Barrel
More results

Similar Description - C-5265

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190190037 MOLEX4-0190190037 Datasheet
238Kb / 2P
   Avikrimp??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190010011 MOLEX3-0190010011 Datasheet
103Kb / 3P
   Avikrimp Quick Disconnect, Male, for 10-12 (5.00-3.30), Mylar Tape,
0190220017 MOLEX4-0190220017 Datasheet
89Kb / 2P
   Krimptite??Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire
0190220015 MOLEX4-0190220015 Datasheet
88Kb / 2P
   Krimptite??Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250
0190010010 MOLEX3-0190010010 Datasheet
102Kb / 2P
   Avikrimp Quick Disconnect, Male, for 10-12 (5.00-3.30), Box, Tab 6.35mm (.250") x 0.81mm (.032")
0190070040 MOLEX4-0190070040 Datasheet
114Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
0190160070 MOLEX4-0190160070 Datasheet
89Kb / 2P
   Krimptite??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250
0190170047 MOLEX4-0190170047 Datasheet
128Kb / 2P
   InsulKrimp??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190160069 MOLEX4-0190160069 Datasheet
89Kb / 2P
   Krimptite??Quick Disconnect, Female, for 10-12 (5.00-3.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0196060005 MOLEX4-0196060005 Datasheet
120Kb / 2P
   Avikrimp?줖ully Insulated Quick Disconnect, Female, for 10-12 AWG Wire, Box
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com