Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RB050L-40 Datasheet(PDF) 2 Page - Rohm

Part No. RB050L-40
Description  Schottky barrier diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RB050L-40 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RB050L-40
Diodes
Electrical characteristic curves (Ta = 25
°C)
0
100m
10m
0.1
0.2
0.3
0.4
0.5
10
1
FORWARD VOLTAGE : VF (V)
0.6
Fig. 1 Forward temperature
characteristics
0
5
10152025303540
1
10
100
1,000
10,000
REVERSE VOLTAGE : VR (V)
Ta=125
°C
Ta=75
°C
Ta=25
°C
Fig. 2 Reverse temperature
characteristics
35
0
5
10
15
20
25
30
1000
100
10
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between terminals
characteristics
DC
D=0.8
0
0
25
50
75
100
125
1.0
2.0
3.0
4.0
5.0
D=0.5
D=0.3
D=0.2
D=0.1
D=0.05
sin wave
T
Tp
IO
IF
D=Tp / T
LEAD TEMPERATURE : TL (
°C)
VR=VRM / 2
Fig. 4 Derating curve
0
0
0
0
0
0
25
50
75
100
125
1.0
2.0
3.0
4.0
5.0
D=0.05
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
DC
sine
T
Tp
IF
IO
D=Tp / T
VR=VRM / 2
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 5 Derating curve (when mounted
on a glass epoxy board)
0
0
0
0
0
0
25
50
75
100
125
1.0
2.0
3.0
4.0
5.0
D=0.05
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
DC
sine
T
Tp
IF
IO
D=Tp / T
VR=VRM / 2
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 6 Derating curve (when mounted
on an alumina board)
0
0
D=0.05
1.0
2.0
3.0
4.0
5.0
0.5
1.0
1.5
2.0
2.5
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
DC
sine
T
Tp
IO
Tj=TjMax.
5.0
D=Tp / T
IF
AVERAGE RECTIFIED FORWARD CURRENT : IO (A)
Fig. 7 Power dissipation characteristics
0
0
D=0.05
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
DC
sine
5
10152025303540
0.20
0.40
0.60
0.80
1.00
0
T
Tp
VR
VR
D=Tp / T
REVERSE VOLTAGE : VR (V)
Tj=TjMax.
Tj=TjMax.
Fig. 8 Reverse power dissipation


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn