Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41791-0927 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 41791-0927
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41791-0927 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 41791-0927 Datasheet HTML 2Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 3Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 4Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 5Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 6Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 7Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 8Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 9Page - Molex Electronics Ltd. 41791-0927 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-0583/0597
Group
A-41791-0598/0609
Group
A-41791-0638/0653
Group
A-41791-0773/0785
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0006/0018
Pin No:
2161-94(102)
Pin No:
2161-94(102)
Pin No:
2161-94(501)
Pin No:
2161-94(102)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
501 – GOLD
Plating:
102-TIN
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29/.720
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43/.450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
OVERALL
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56/.140
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Voided Ckts
4
Voided Ckts
7
Voided Ckts
3
Voided Ckts
3, 6
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Item Number
2
3
26-63-4032
A-41791-0638
4
27-62-4049
A-41791-0583
41791-0639
A-41791-0639
5
27-62-4059
A-41791-0584
26-63-4052
A-41791-0640
6
27-62-4069
A-41791-0585
26-63-4062
A-41791-0641
7
27-62-4079
A-41791-0586
41791-0598
A-41791-0598
41791-0642
A-41791-0642
41791-0774
8
27-62-4089
A-41791-0587
41791-0599
A-41791-0599
26-63-4082
A-41791-0643
9
27-62-4099
A-41791-0588
41791-0600
A-41791-0600
41791-0644
A-41791-0644
10
27-62-4109
A-41791-0589
41791-0601
A-41791-0601
41791-0645
A-41791-0645
11
27-62-4119
A-41791-0590
41791-0602
A-41791-0602
41791-0646
A-41791-0646
12
27-62-4129
A-41791-0591
41791-0603
A-41791-0603
41791-0647
A-41791-0647
13
27-62-4139
A-41791-0592
41791-0604
A-41791-0604
41791-0648
A-41791-0648
14
27-62-4149
A-41791-0593
41791-0605
A-41791-0605
41791-0649
A-41791-0649
15
27-62-4159
A-41791-0594
41791-0606
A-41791-0606
41791-0650
A-41791-0650
16
27-62-4169
A-41791-0595
41791-0607
A-41791-0607
41791-0651
A-41791-0651
17
27-62-4179
A-41791-0596
41791-0608
A-41791-0608
41791-0652
A-41791-0652
18
27-62-4189
A-41791-0597
41791-0609
A-41791-0609
41791-0653
A-41791-0653


Similar Part No. - 41791-0927

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41791-0927 MOLEX5-41791-0927 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 16 Circuits, 0.38um (15關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com