Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF2004-VA20A Datasheet(PDF) 3 Page - Rohm

Part # NF2004-VA20A
Description  Hight Speed Thermal Printhead (8dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

NF2004-VA20A Datasheet(HTML) 3 Page - Rohm

  NF2004-VA20A Datasheet HTML 1Page - Rohm NF2004-VA20A Datasheet HTML 2Page - Rohm NF2004-VA20A Datasheet HTML 3Page - Rohm NF2004-VA20A Datasheet HTML 4Page - Rohm NF2004-VA20A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NF2004-VA20A
Printheads
!Timing chart
CLK
DI
BEO
CLK
/LAT
/STBn
DRIVER
OUT
Min.45ns
Min.100ns
Min.50ns
Min.100ns
Min.300ns
Max.12.5
µs
Max.12.5
µs
Fig.1
Min.30ns
Min.10ns


Similar Part No. - NF2004-VA20A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
NF2000-S MITSUBISHI-NF2000-S Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Soshin electric Co., Lt...
NF2000A-RQ SOSHIN-NF2000A-RQ Datasheet
141Kb / 3P
   Single-phase 2-line 250VAC
NF2000A-SUM SOSHIN-NF2000A-SUM Datasheet
191Kb / 3P
   Single-phase 2-line 250VAC
NF2000A-UP SOSHIN-NF2000A-UP Datasheet
61Kb / 2P
   Single-phase 2-line General-purpose, Plastic housing
NF2000C-RQ SOSHIN-NF2000C-RQ Datasheet
195Kb / 3P
   Single-phase 2-line 500VAC Available 10-250A, Single-phase General-purpose
More results

Similar Description - NF2004-VA20A

ManufacturerPart #DatasheetDescription
logo
Rohm
SE2002-DC90A ROHM-SE2002-DC90A Datasheet
80Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2002-DC94A ROHM-SE2002-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2003-DC90A ROHM-SE2003-DC90A Datasheet
85Kb / 6P
   Hight Speed Thermal Printhead (8dots / mm)
SE2004-DC90A ROHM-SE2004-DC90A Datasheet
87Kb / 6P
   Hight Speed Thermal Printhead (8dots / mm)
SE2003-DC94A ROHM-SE2003-DC94A Datasheet
77Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SE2004-DC94A ROHM-SE2004-DC94A Datasheet
104Kb / 5P
   Hight Speed Thermal Printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A_07 Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
KF2008-GH40A ROHM-KF2008-GH40A Datasheet
78Kb / 5P
   Thick film thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
87Kb / 6P
   Near edge thermal printhead (8dots / mm)
KF2008-GK11A ROHM-KF2008-GK11A Datasheet
65Kb / 4P
   Thick Film Thermal Printhead (8dots / mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com