Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5556PBGS3L Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5556PBGS3L
Description  4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 16 AWG, Bag
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5556PBGS3L Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5556PBGS3L Datasheet HTML 1Page - Molex Electronics Ltd. 5556PBGS3L Datasheet HTML 2Page - Molex Electronics Ltd. 5556PBGS3L Datasheet HTML 3Page - Molex Electronics Ltd. 5556PBGS3L Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000158
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit™ Crimp Terminal, Female, Phosphor Bronze, Gold (Au),
16 AWG, Bag
Documents:
Test Summary (PDF)
Product Specification PS-5556-002 (PDF)
Drawing (PDF)
Product Specification PS-5556-003 (PDF)
Product Specification PS-5556-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
5556
Crimp Quality Equipment
Yes
Overview
minifit_jr
Product Name
Mini-Fit®
Physical
Durability (mating cycles max)
30
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.76
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.80-3.10mm (.071-.122")
Wire Size AWG
16
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Material Info
Old Part Number
5556PBGS3L
Reference - Drawing Numbers
Packaging Specification
PK-5556-003
Product Specification
PS-5556-001, PS-5556-002, PS-5556-003
Sales Drawing
SD-5556-006
Test Summary
TS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5556Series
Mates With
5558 Male Crimp Terminals. Mini-Fit Jr.™
Header, Dual Row, 5566 , 5569
Use With
5557 Mini-Fit Jr.™ Receptacle Housing,
30067 TPA, 42474 BMI Panel Mount, 5559
Mini-Fit Jr.™ Plug Housing, Dual Row
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030044
Hand Crimp Tool for
Mini-Fit™ Jr. Male
and Female Crimp
0638190900


Similar Part No. - 5556PBGS3L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5556PBGS3 MOLEX3-5556PBGS3 Datasheet
253Kb / 4P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 16 AWG, Reel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com