Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41791-0834 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 41791-0834
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41791-0834 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 41791-0834 Datasheet HTML 3Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 4Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 5Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 6Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 7Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 8Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 9Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 10Page - Molex Electronics Ltd. 41791-0834 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
41791-0977/0993
Group
41791-0994/1002
Group
A-41791-1036 / 1048
Group
A-41791-1049/1062
Header No:
41790-0002/0018
Header No:
41790-0010/0018
Header No:
41790-0006 / 0018
Header No:
41790-0005/0018
Pin No:
43294-0345
Pin No:
43294-0209
Pin No:
2161-94(102)
Pin No:
2161-94(102)
Plating:
228 – 30 GOLD
Plating:
208 – 15 GOLD
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L
22.10/. 870
Pin Length L
18.29/. 720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Mating
M
11.43/. 450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
10.02/. 400
Gold Loc G
6.86/ .270
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
7.37/. 290
PC Tail
P
3.56/. 140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
Tin Loc
T
5.08/. 200
Tin Loc
T
4.06/. 160
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
None
Voided Ckts
3, 4, 5, 8, 9, 10
Voided Ckts
4, 6
Voided Ckts
2, 5
Pack Per
PK-41791-002
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Item Number
Item Number
Material No
Engineer Number
Item Number
2
41791-0977
3
41791-0978
4
41791-0979
5
41791-0980
6
41791-0981
A-41791-1036
7
41791-0982
41791-1037
A-41791-1037
41791-1051
8
41791-0983
A-41791-1038
9
41791-0984
A-41791-1039
10
41791-0985
41791-0994
A-41791-1040
11
41791-0986
41791-0995
A-41791-1041
12
41791-0987
41791-0996
A-41791-1042
13
41791-0988
41791-0997
A-41791-1043
14
41791-0989
41791-0998
A-41791-1044
15
41791-0990
41791-0999
A-41791-1045
16
41791-0991
41791-1000
A-41791-1046
17
41791-0992
41791-1001
A-41791-1047
18
41791-0993
41791-1002
A-41791-1048


Similar Part No. - 41791-0834

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41791-0834 MOLEX5-41791-0834 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 4 Circuits
41791-0834 MOLEX11-41791-0834 Datasheet
59Kb / 2P
   KK 396 Header, Vertical, Friction Lock, 4 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com