Electronic Components Datasheet Search |
|
5267-04A-X Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
5267-04A-X Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0099990988 Status: Active Description: 2.50mm (.098") Pitch SPOX™ Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) Plating, with Swaged PC Tails Documents: 3D Model Product Specification PS-5264-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 5267 Application Wire-to-Board Product Name SPOX™ Physical Breakaway No Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.098 In Pitch - Mating Interface (mm) 2.50 mm Plating min: Mating (µin) 160 Plating min: Mating (µm) 4 Plating min: Termination (µin) 160 Plating min: Termination (µm) 4 Polarized to Mating Part Yes Polarized to PCB No Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 5267Series Mates With 5264 SPOX™ Wire-to-Board Crimp Terminal, 42219 SPOX™ IDT Receptacle Housing |
Similar Part No. - 5267-04A-X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |