Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-203ML Datasheet(PDF) 1 Page - Rohm

Part # LB-203ML
Description  High efficiency, three-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-203ML Datasheet(HTML) 1 Page - Rohm

  LB-203ML Datasheet HTML 1Page - Rohm LB-203ML Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB-203BL Series
LED displays
High efficiency, three-digit numeric
displays
LB-203BL Series
The LB-203BL series are small, three-digit numeric
displays with a character height of 6.4mm. These
displays can be combined with appropriate displays in
the two-digit LB-202BL series to form a multi-digit display
with an equal pitch interval between characters.
!Features
1) Four colors are available : red, orange, yellow, and
green.
2) Common anode and common cathode configurations
are available.
3) Dynamic lighting system to minimize the number of
pins.
4) Equal pitch interval between characters even with
multi-digit display.
5) The package surface is painted black and the
segments are colored the display color.
!External Dimensions
(Units : mm)
Tolerances are ±0.3 unless otherwise noted :
0.7
3.4
3
−φ0.7
(12.7)
(2.54)
0.5
19.2
6.4
6.4
−0.2
+0
10˚
!Selection guide
Emitting color
Common
Anode
Cathode
Red
LB-203VB
LB-203VL
Orange
LB-203DB
LB-203DL
Yellow
LB-203YB
LB-203YL
∗ Order-based production.
Green
LB-203MB
LB-203ML
!Pin assignments
Digit 1 D.P1
a
g
d
fb
ec
Digit 2 D.P2
a
g
d
fb
ec
Digit 3 D.P3
a
g
d
fb
ec
Pin No.
12
7
8
9
10
11
16
5
4
3
2
++++++
++++++
Digit 1 Common
Segment "e"
Segment "d"
Segment "c"
D.P
N.C
Digit 3 Common
Digit 2 Common
Segment "g"
Segment "b"
Segment "a"
Segment "f"
1
2
3
4
5
6
7
8
9
10
11
12
Function
Pin No.


Similar Part No. - LB-203ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results

Similar Description - LB-203ML

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com