Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41772-0009 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 41772-0009
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 9 Circuits, Tin (Sn) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41772-0009 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 41772-0009 Datasheet HTML 2Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 3Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 4Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 5Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 6Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 7Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 8Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 9Page - Molex Electronics Ltd. 41772-0009 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0291/0307
Group
A-41772-0308/ 0324
Group
A-41772-0325/0340
Group
A-41772-0341/0352
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0003/0018
Header No:
41770-0007/0018
Pin No:
2161-62(102)
Pin No:
2161-75(102)
Pin No:
2161-16(102)
Pin No:
2161-16(102)
Plating:
102-TIN
Plating:
102-TIN
Plating:
102-TIN
Plating:
102-TIN
Pin Length L
24.89/ .980
Pin Length L
16.94/ .667
Pin Length L
25.40/ 1.000
Pin Length L
25.40/ 1.000
Mating
M
13.54/ .533
Mating
M
5.87/ .231
Mating
M
14.86/ .585
Mating
M
14.86/ .585
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Height
Y
4.93/ .194
Height
Y
4.90/ .193
Height
Y
4.95/ .195
Height
Y
4.95/ .195
PC Tail
P
3.86/ .152
PC Tail
P
3.61/ .142
PC Tail
P
3.56/ .140
PC Tail
P
3.56/ .140
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
PIN BEND R.
.045 R
PIN BEND R.
.045 R
Voided Ckts
CKT 3
Voided Ckts
CKT 7
Pack Per
PK-41772-002
Pack Per
PK-41772-001
Pack Per
PK-41772-002
Pack Per
PK-41772-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
A-41772-0291
26-60-3028
A-41772-0308
3
A-41772-0292
26-60-3038
A-41772-0309
A-41772-0325
4
26-60-3047
A-41772-0293
26-60-3048
A-41772-0310
A-41772-0326
5
26-60-3057
A-41772-0294
26-60-3058
A-41772-0311
A-41772-0327
6
26-60-3067
A-41772-0295
26-60-3068
A-41772-0312
26-62-3061
A-41772-0328
7
26-60-3077
A-41772-0296
26-60-3078
A-41772-0313
A-41772-0329
A-41772-0341
8
A-41772-0297
26-60-3088
A-41772-0314
26-62-3081
A-41772-0330
26-62-3082
A-41772-0342
9
26-60-3097
A-41772-0298
26-60-3098
A-41772-0315
A-41772-0331
A-41772-0343
10
A-41772-0299
26-60-3108
A-41772-0316
A-41772-0332
A-41772-0344
11
A-41772-0300
26-60-3118
A-41772-0317
A-41772-0333
A-41772-0345
12
26-60-3127
A-41772-0301
26-60-3128
A-41772-0318
A-41772-0334
A-41772-0346
13
A-41772-0302
26-60-3138
A-41772-0319
A-41772-0335
A-41772-0347
14
A-41772-0303
26-60-3148
A-41772-0320
A-41772-0336
A-41772-0348
15
A-41772-0304
26-60-3158
A-41772-0321
A-41772-0337
26-62-3152
A-41772-0349
16
A-41772-0305
26-60-3168
A-41772-0322
A-41772-0338
A-41772-0350
17
A-41772-0306
26-60-3178
A-41772-0323
A-41772-0339
A-41772-0351
18
A-41772-0307
26-60-3188
A-41772-0324
A-41772-0340
A-41772-0352


Similar Part No. - 41772-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41772-0009 MOLEX11-41772-0009 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 9 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com