Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42376-0320 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 42376-0320
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 5 Circuits, Tin (Sn) Plating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42376-0320 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 42376-0320 Datasheet HTML 4Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 5Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 6Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 7Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 8Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 9Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 10Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 11Page - Molex Electronics Ltd. 42376-0320 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0422/0456
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-ATA154
PIN LENGTH: L
.530/13.46
MATING LENGTH: M
.276/7.01
GOLD POINT: G
N/A
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED
BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING
PK-40873-0041
CKTS
MATERIAL
NUMBER
CKTS
MATERIAL
NUMBER
02
42376-0422
20
42376-0440
03
42376-0423
21
42376-0441
04
42376-0424
22
42376-0442
05
42376-0425
23
42376-0443
06
42376-0426
24
42376-0444
07
42376-0427
25
42376-0445
08
42376-0428
26
42376-0446
09
42376-0429
27
42376-0447
10
42376-0430
28
42376-0448
11
42376-0431
29
42376-0449
12
42376-0432
30
42376-0450
13
42376-0433
31
42376-0451
14
42376-0434
32
42376-0452
15
42376-0435
33
42376-0453
16
42376-0436
34
42376-0454
17
42376-0437
35
42376-0455
18
42376-0438
36
42376-0456
19
42376-0439
A-42376-0549/0581
HEADER NUMBER:
42312-0004/0036
PIN NUMBER:
42663-DAA154
PIN LENGTH: L
.765/19.43
MATING LENGTH: M
.405/10.29
GOLD POINT: G
N/A
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
4-36
KINKS:
PER SMES-42003
REMOVED
BACKWALLS:
NONE
VOIDED CKTS:
3
PACKAGING
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
CKTS
MATERIAL
NUMBER
02
20
42376-0565
03
21
42376-0566
04
42376-0549
22
42376-0567
05
42376-0550
23
42376-0568
06
42376-0551
24
42376-0569
07
42376-0552
25
42376-0570
08
42376-0553
26
42376-0571
09
42376-0554
27
42376-0572
10
42376-0555
28
42376-0573
11
42376-0556
29
42376-0574
12
42376-0557
30
42376-0575
13
42376-0558
31
42376-0576
14
42376-0559
32
42376-0577
15
42376-0560
33
42376-0578
16
42376-0561
34
42376-0579
17
42376-0562
35
42376-0580
18
42376-0563
36
42376-0581
19
42376-0564
A-42376-0582/0616
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-DCA154
PIN LENGTH: L
.775/19.69
MATING LENGTH: M
.524/13.31
GOLD POINT: G
N/A
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.131/3.33
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED
BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING
PK-40873-0043
CKTS
MATERIAL
NUMBER
CKTS
MATERIAL
NUMBER
02
42376-0582
20
42376-0600
03
42376-0583
21
42376-0601
04
42376-0584
22
42376-0602
05
42376-0585
23
42376-0603
06
42376-0586
24
42376-0604
07
42376-0587
25
42376-0605
08
42376-0588
26
42376-0606
09
42376-0589
27
42376-0607
10
42376-0590
28
42376-0608
11
42376-0591
29
42376-0609
12
42376-0592
30
42376-0610
13
42376-0593
31
42376-0611
14
42376-0594
32
42376-0612
15
42376-0595
33
42376-0613
16
42376-0596
34
42376-0614
17
42376-0597
35
42376-0615
18
42376-0598
36
42376-0616
19
42376-0599


Similar Part No. - 42376-0320

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42376-0320 MOLEX11-42376-0320 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 5 Circuits, Tin (Sn) Plating, Mating Pin Length 10.29mm (.405"), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com