Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KF2004-GM50A Datasheet(PDF) 3 Page - Rohm

Part No. KF2004-GM50A
Description  Thick film thermal printhead (with thermal historical control)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KF2004-GM50A Datasheet(HTML) 3 Page - Rohm

  KF2004-GM50A Datasheet HTML 1Page - Rohm KF2004-GM50A Datasheet HTML 2Page - Rohm KF2004-GM50A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KF2004-GM50A
Printheads
!
!
!
!
Pin assignments
/ RESET
START
DO1
DO2
TM
TM
/ STB2
/ STB1
CLKOUT2
CLKIN1
VH (COM)
VH (COM)
VH (COM)
GND
GND
GND
11
12
13
14
15
16
17
18
19
20
No.
Circuit
No.
1
2
3
4
5
6
Circuit
VDD
VDD
SEL2
SEL1
CLKIN2 (CP)
NC
DI2
DI1
INC
/ LOAD
No.
1
2
3
4
5
6
7
8
9
10
Circuit
CONNECTOR A
CONNECTOR B
!
!
!
!
Characteristics
Parameter
Rave
VH
PO
104
0.125
832
550
24
0.857
0.490
0.258
832
8
φ20.0
SLT
TON
mm
mm
dots
V
W/dot
ms
ms
dots
MHz
mm
150/(1
×108)
5~45
km/pulses
°C
Effective printing width
Symbol
Typical
Unit
Average resistance value
Dot pitch
Total dot number
Pulse width
Maximum number of dots energized simultaneously
Maximum clock frequency
Maximum roller diameter
Running life / pulse life
Operating temperature
Applied power
Applied voltage
Print cycle
!
!
!
!
Data sheets
ENERGY (mJ/dot)
Fig.2 Representative density curve
SLT : 0.82ms / line
0.40
0.30 0.35
0.20 0.25
0.10 0.15
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.00 0.05
SCANNING LINE TIME (ms/line)
Fig.3 Maximum energy curve
0
0.4
0.2
0.8
1.0
0.6
1.2
1.4
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Level1
Level2
Level3
Level4
Level5
Level6


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn