Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KF2004-GD45A Datasheet(PDF) 4 Page - Rohm

Part # KF2004-GD45A
Description  Compact medium speed thick film thermal printhead (8 dots / mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KF2004-GD45A Datasheet(HTML) 4 Page - Rohm

  KF2004-GD45A Datasheet HTML 1Page - Rohm KF2004-GD45A Datasheet HTML 2Page - Rohm KF2004-GD45A Datasheet HTML 3Page - Rohm KF2004-GD45A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KF2004-GD45A
Printheads
4/4
!
!
!
!
Electrical characteristic curves
Paper : KF50-HDA (OJI)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.3 Adaptive speed chart
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
ENERGY (
mJ/dot)
SLT : 1.25ms/line
Fig.4 Representative density curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
012345
SCANNING LINE TIME (
ms/line)
Fig.5 Maximum energy curve
0
20
40
60
80
100
120
140
160
180
−20 −10
10
30
50
70
020
40
60
TEMPERATURE : (
°C)
Fig.6 Thermistor curve


Similar Part No. - KF2004-GD45A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results

Similar Description - KF2004-GD45A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2004-DF10A ROHM-KD2004-DF10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2002-DF10A ROHM-KD2002-DF10A_07 Datasheet
155Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GD10A ROHM-KF2002-GD10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GC10A ROHM-KF2003-GC10A Datasheet
171Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GC10A ROHM-KF2004-GC10A Datasheet
174Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2003-GD10A ROHM-KF2003-GD10A Datasheet
177Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2005-GD45A ROHM-KF2005-GD45A Datasheet
70Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KD2003-DF11A ROHM-KD2003-DF11A Datasheet
82Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2002-GC10A ROHM-KF2002-GC10A Datasheet
180Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com