Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZ4 Datasheet(PDF) 3 Page - Rohm

Part # IMZ4
Description  General purpose transistor (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMZ4 Datasheet(HTML) 3 Page - Rohm

  IMZ4 Datasheet HTML 1Page - Rohm IMZ4 Datasheet HTML 2Page - Rohm IMZ4 Datasheet HTML 3Page - Rohm IMZ4 Datasheet HTML 4Page - Rohm IMZ4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IMZ4
Transistors
Rev.A
3/4
Electrical characteristic curves
Tr1 (NPN)
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
VCE=
6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
1
0
2345
0
100
50
0.50mA
0.45mA
0.40mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
=0A
Ta
=25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Grounded emitter output
characteristics (
Ι )
1
0
2345
0
500
400
300
200
100
2mA
1.8mA
1.6mA
1.4mA
1.2mA
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
IB
=0A
Ta
=25
°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.3 Grounded emitter output
characteristics (
ΙΙ )
0.5 1
2
5
10 20
50 100
1000
200 500
0.2
0.5
1
0.02
0.05
0.1
Ta
=25
°C
lC/lB
=10
COLLECTOR CURRENT :
IC (mA)
Fig.4 Collector-emitter saturation
voltage vs. collector current
5001000
0.1
200
10
0.2
50 100
0.5
20
12
5
20
10
50
100
200
500
1000
Ta=100°
C
75°C
50°C
25°C
0°C
−25°
C
−5 0
°C
VCE
=3V
COLLECTOR CURRENT : IC (mA)
Fig.5 DC current gain vs. collector
current
Ta
=25
°C
VCE
=5V
−0.5
−1
−2
−5
−10
−20
−50
50
100
200
500
EMITTER CURRENT : IE (mA)
Fig.6 Gain bandwidth product vs.
emitter current
0.5
1
2
5
10
20
50
5
2
10
20
50
Cib
Cob
Ta
=25
°C
f
=1MHz
IE
=0A
IC
=0A
COLLECTOR TO BASE VOLTAGE : VCB (
V)
EMITTER TO BASE VOLTAGE
: VEB (
V)
Fig.7 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage


Similar Part No. - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
IMZ4 ROHM-IMZ4 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
More results

Similar Description - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
   General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
   General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
   General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com