Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481161 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0026481161
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481161 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 0026481161 Datasheet HTML 4Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 5Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 6Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 9Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 10Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 11Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-22(102)
PIN NUMBER
2161-19(102)
PIN NUMBER
2161-22(102)
PIN NUMBER
2161-38(102)
PIN LENGTH
31.75/1.250
PIN LENGTH
26.21/1.032
PIN LENGTH
31.75/1.250
PIN LENGTH
38.10/1.500
PLATING
102
PLATING
102
PLATING
102
PLATING
102
MATING “M”
25.70/1.012
MATING “M”
19.48/.767
MATING “M”
18.34/.722
MATING “M”
31.80/1.252
PCB “P”
2.79/.110
PCB “P”
3.56/.140
PCB “P”
10.16/.400
PCB “P”
3.05/.120
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
N/A
TIN “T”
OVERALL
TIN “T”
OVERALL
TIN
“T”
OVERALL
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANW102-*
A-41661-ANY102-*
A-41661-ANZ102-*
A-41661-ANAA102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
41661-0239
-A2W102
41661-0259
-A2Y102
41661-0274
-A2Z102
41661-0294
-A2AA102
41661-0240
-A3W102
26-58-0030
-A3Y102
41661-0275
-A3Z102
41661-0295
-A3AA102
26-58-0045
-A4W102
26-58-0040
-A4Y102
41661-0276
-A4Z102
41661-0296
-A4AA102
41661-0241
-A5W102
41661-0260
-A5Y102
41661-0277
-A5Z102
41661-0297
-A5AA102
41661-0242
-A6W102
26-58-0060
-A6Y102
26-58-0061
-A6Z102
41661-0298
-A6AA102
41661-0243
-A7W102
26-58-0070
-A7Y102
41661-0278
-A7Z102
41661-0299
-A7AA102
41661-0244
-A8W102
41661-0261
-A8Y102
41661-0279
-A8Z102
26-58-0083
-A8AA102
41661-0245
-A9W102
26-58-0090
-A9Y102
41661-0280
-A9Z102
41661-0300
-A9AA102
26-58-0105
-A10W102
26-58-0100
-A10Y102
41661-0281
-A10Z102
41661-0301
-A10AA102
41661-0246
-A11W102
26-58-0110
-A11Y102
41661-0282
-A11Z102
41661-0302
-A11AA102
41661-0247
-A12W102
41661-0262
-A12Y102
26-58-0121
-A12Z102
41661-0303
-A12AA102
41661-0248
-A13W102
41661-0263
-A13Y102
41661-0283
-A13Z102
41661-0304
-A13AA102
41661-0249
-A14W102
41661-0264
-A14Y102
41661-0284
-A14Z102
41661-0305
-A14AA102
41661-0250
-A15W102
41661-0265
-A15Y102
41661-0285
-A15Z102
41661-0306
-A15AA102
41661-0251
-A16W102
41661-0266
-A16Y102
41661-0286
-A16Z102
41661-0307
-A16AA102
41661-0252
-A17W102
41661-0267
-A17Y102
41661-0287
-A17Z102
26-58-0173
-A17AA102
41661-0253
-A18W102
41661-0268
-A18Y102
41661-0288
-A18Z102
41661-0308
-A18AA102
41661-0254
-A19W102
41661-0269
-A19Y102
41661-0289
-A19Z102
41661-0309
-A19AA102
41661-0255
-A20W102
41661-0270
-A20Y102
41661-0290
-A20Z102
41661-0310
-A20AA102
41661-0256
-A21W102
41661-0271
-A21Y102
41661-0291
-A21Z102
41661-0311
-A21AA102
41661-0257
-A22W102
41661-0272
-A22Y102
41661-0292
-A22Z102
41661-0312
-A22AA102
41661-0258
-A23W102
41661-0273
-A23Y102
41661-0293
-A23Z102
41661-0313
-A23AA102
26-58-0245
-A24W102
26-58-0240
-A24Y102
26-58-0241
-A24Z102
41661-0314
-A24AA102


Similar Part No. - 0026481161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481162 MOLEX3-0026481162 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 16 Circuits, Tin (Sn) Plating
0026481163 MOLEX3-0026481163 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 16 Circuits, Tin (Sn) Plating
0026481165 MOLEX3-0026481165 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 16 Circuits
0026481166 MOLEX3-0026481166 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 16 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com