Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0040062015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0040062015
Description  Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX3 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0040062015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0040062015 Datasheet HTML 1Page - Molex Electronics Ltd. 0040062015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0040062015
Status:
Active
Description:
Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm
(.050") Panel Thickness
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Terminals
Series
42172
Comments
(2) 16 AWG
Crimp Quality Equipment
Yes
Product Name
Panel Grounding Clip
Physical
Gender
Female
Material - Metal
Stainless Steel
Material - Plating Mating
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.00mm (.118") max
Wire Size AWG
14
Wire Size mm²
N/A
Electrical
CSA
LR19980
UL
E126412
Material Info
Old Part Number
42172BB1
Reference - Drawing Numbers
Sales Drawing
SD-42172-**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42172Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638913000
This document was generated on 03/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn