Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42377-0223 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42377-0223
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 13 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42377-0223 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42377-0223 Datasheet HTML 1Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 2Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 3Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 4Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 5Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 6Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 7Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 8Page - Molex Electronics Ltd. 42377-0223 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
UL
E29179
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42377-0223
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42377-001
This document was generated on 02/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42377-0223

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0223 MOLEX11-42377-0223 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 13 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com