Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMD6 Datasheet(PDF) 1 Page - Rohm

Part # EMD6
Description  General purpose (dual digital transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD6 Datasheet(HTML) 1 Page - Rohm

  EMD6 Datasheet HTML 1Page - Rohm EMD6 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMD6 / UMD6N / IMD6A
Transistors
General purpose
(dual digital transistors)
EMD6 / UMD6N / IMD6A
!
!
!
!
Features
1) Both the DTA143T chip and DTC143T chip in an EMT
or UMT or SMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
!
!
!
!
Structure
A PNP and NPN digital transistor
(each with a single built in resistor)
The following characteristics apply to both the DTr1 and
DTr2, however, the “
−” sign on DTr2 values for the PNP
type have been omitted.
!
!
!
!
Equivalent circuit
EMD6 / UMD6N
IMD6A
DTr2
DTr1
(3)
(2)
(1)
(3)
(2)
(1)
(4)
(5)
(6)
(4)
(5)
(6)
R1
R1
DTr2
DTr1
R1
R1
R1=4.7k
R1=4.7k
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCBO
50
V
50
V
V
VCEO
VEBO
5
IC
mA
100
Tj
150
˚C
Tstg
−55∼+150
˚C
PC
EMD6, UMD6N
150 (TOTAL)
mW
IMD6A
300 (TOTAL)
1
2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector
power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT6
EMD6
ROHM : UMT6
EIAJ : SC-88
EMD6N
Abbreviated symbol : D6
Abbreviated symbol : D6
Abbreviated symbol : D6
ROHM : SMT6
EIAJ : SC-74
IMD6A
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
0.3to0.6
2.8
1.6
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - EMD6

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD6 ROHM-EMD6 Datasheet
373Kb / 8P
   Packaging specifications
logo
Shenzhen Jin Yu Semicon...
EMD6 HTSEMI-EMD6 Datasheet
465Kb / 1P
   DIGITAL TRANSISTOR (NPN PNP)
logo
Rohm
EMD6 ROHM-EMD6 Datasheet
517Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD6 ROHM-EMD6 Datasheet
516Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMD6 JIANGSU-EMD6 Datasheet
7Mb / 5P
   Dual Digital Transistors (NPNPNP)
More results

Similar Description - EMD6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com