Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMA11 Datasheet(PDF) 2 Page - Rohm

Part No. EMA11
Description  Emitter common (dual digital transistors)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

EMA11 Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMA11 / UMA11N / FMA11A
Transistors
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
R2/R1
Min.
−1.3
3.29
80
8
−0.1
4.7
10
−0.5
−0.3
−1.8
−0.5
6.11
12
V
VCC=
−5V, IO=−100µA
VO=
−0.3V, IO=−5mA
IO/II=
−5mA/−0.25mA
VI=
−5V
VCC=
−50V, VI=0V
VO=
−5V, IO=−10mA
V
mA
µA
k
−−
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Resistance ratio
Transition frequency of the device
fT
250
VCE=10mA, IE=
−5mA, f=100MHz
MHz
!
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
−200m
−100m
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
VO=
−0.3V
−100
−50
−20
−10
−5
−2
−1
−500m
Fig.1 Input voltage vs. output current
(ON characteristics)
25
°C
100
°C
Ta=
−40°C
VCC=
−5V
0
−3
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1
−1.5
−2
−2.5
INPUT VOLTAGE : VI (off) (V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta=100
°C
25
°C
−40°C
VO=
−5V
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
OUTPUT CURRENT : IO (A)
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
Ta=100
°C
25
°C
−40°C
lO/lI=20
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO (A)
Fig.4 Output voltage vs. output
current
Ta=100
°C
25
°C
−40°C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn