Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTC144TE Datasheet(PDF) 2 Page - Rohm

Part No. DTC144TE
Description  Digital transistors (built in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144TE Datasheet(HTML) 2 Page - Rohm

  DTC144TE Datasheet HTML 1Page - Rohm DTC144TE Datasheet HTML 2Page - Rohm DTC144TE Datasheet HTML 3Page - Rohm DTC144TE Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC144TM / DTC144TE / DTC144TUA
Transistors
DTC144TKA / DTC144TSA
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
300
150
−55 to +150
E
MUA
KA
SA
V
V
mA
mW
°C
°C
VCEO
VEBO
IC
Pc
Tj
Tstg
Unit
Limits(DTC144T )
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
k
MHz
µA
µA
V
V
V
V
0.5
0.5
0.3
600
61.1
250
47
250
100
32.9
50
50
5
VCE
=5V, IC=1mA
IC/IB
=5mA/0.5mA
VCE
=10V, IE= −5mA, f=100MHz ∗
Typ.
Min.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Transition frequency
Transition frequency of the device
Packaging specifications
TL
UMT3
EMT3
SMT3
DTC144TE
Type
DTC144TUA
DTC144TM
3000
T106
3000
T146
3000
DTC144TKA
T2L
VMT3
8000
SPT
TP
5000
DTC144TSA
−−
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn