Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EUA Datasheet(PDF) 3 Page - Rohm

Part # DTC143EUA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143EUA Datasheet(HTML) 3 Page - Rohm

  DTC143EUA Datasheet HTML 1Page - Rohm DTC143EUA Datasheet HTML 2Page - Rohm DTC143EUA Datasheet HTML 3Page - Rohm DTC143EUA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTC143EM / DTC143EE / DTC143EUA
Transistors
DTC143EKA / DTC143ESA
3/3
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
VO
=0.3V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
Ta
= −40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
VO
=5V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
lO/lI
=20
100
µ 200µ 500µ 1m 2m 5m 10m 20m 50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output current


Similar Part No. - DTC143EUA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC143EUA JIANGSU-DTC143EUA Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTC143EUA ROHM-DTC143EUA Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
logo
SeCoS Halbleitertechnol...
DTC143EUA SECOS-DTC143EUA Datasheet
226Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143EUA ROHM-DTC143EUA Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
DTC143EUA ROHM-DTC143EUA Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC143EUA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com