Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123EKA Datasheet(PDF) 1 Page - Rohm

Part # DTC123EKA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123EKA Datasheet(HTML) 1 Page - Rohm

  DTC123EKA Datasheet HTML 1Page - Rohm DTC123EKA Datasheet HTML 2Page - Rohm DTC123EKA Datasheet HTML 3Page - Rohm DTC123EKA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DTC123EM / DTC123EE / DTC123EUA
Transistors
DTC123EKA / DTC123ESA
Rev.A
1/3
Digital transistors (built-in resistors)
DTC123EM / DTC123EE / DTC123EUA
DTC123EKA / DTC123ESA
Features
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation,
making device design easy.
Equivalent circuit
R1
R2
IN
GND
OUT
IN
GND
OUT
External dimensions (Unit : mm)
(1) GND
(2) OUT
(3) IN
DTC123ESA
4
±0.2
2
±0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5+0.4
−0.1
ROHM : SPT
EIAJ : SC-72
ROHM : VMT3
DTC123EM
(1) IN
(2) GND
(3) OUT
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)
Abbreviated symbol : 22
0.2
0.2
0.5
0.5
1.0
±0.1
1.6
±0.2
0.3
0.55
±0.1
0.7
±0.1
0.15
±0.05
(3)
(2)
(1)
0~0.1
−0.05
+0.1
+0.1
−0.05
+0.1
−0.05
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTC123EE
Abbreviated symbol : 22
0~0.1
(2)
(1)
(3)
0.9
±0.1
0.2
0.7
±0.1
0.15
±0.05
0.3
2.0
±0.2
1.3
±0.1
0.65 0.65
+0.1
−0
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTC123EUA
Abbreviated symbol : 22
All terminals have same dimensions
0~0.1
1.1
0.8
±0.1
0.15
0.4
2.9
±0.2
1.9
±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC123EKA
Abbreviated symbol : 22
All terminals have same dimensions


Similar Part No. - DTC123EKA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC123EKA LRC-DTC123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTC123EKA ROHM-DTC123EKA Datasheet
167Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC123EKA ROHM-DTC123EKA Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123EKA ROHM-DTC123EKA Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC123EKA ROHM-DTC123EKA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistors
20160325 - Rev.001
More results

Similar Description - DTC123EKA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com