Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTC114TE Datasheet(PDF) 3 Page - Rohm

Part No. DTC114TE
Description  Digital transistors (built in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

DTC114TE Datasheet(HTML) 3 Page - Rohm

  DTC114TE Datasheet HTML 1Page - Rohm DTC114TE Datasheet HTML 2Page - Rohm DTC114TE Datasheet HTML 3Page - Rohm DTC114TE Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTC114TM / DTC114TE / DTC114TUA
Transistors
DTC114TKA / DTC114TSA
Rev.A
3/3
Electrical characteristic curves
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VCE
=5V
Ta
=100°C
25
°C
−40°C
Fig.1 DC current gain vs. collector
current
COLLECTOR CURRENT : IC
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lC/lB
=10
Ta
=100°C
25
°C
−40°C
Fig.2 Collector-emitter saturation
voltage vs. collector current


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn