Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTC114TE Datasheet(PDF) 2 Page - Rohm

Part No. DTC114TE
Description  Digital transistors (built in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

DTC114TE Datasheet(HTML) 2 Page - Rohm

  DTC114TE Datasheet HTML 1Page - Rohm DTC114TE Datasheet HTML 2Page - Rohm DTC114TE Datasheet HTML 3Page - Rohm DTC114TE Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC114TM / DTC114TE / DTC114TUA
Transistors
DTC114TKA / DTC114TSA
Rev.A
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
300
150
−55 to +150
E
M
UAKASA
V
VCEO
VEBO
V
V
mA
mW
°C
°C
IC
PC
Tj
Tstg
Unit
Limits(DTA114T
)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
Min.
50
50
5
100
7
250
10
250
VIC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
VCE
=5V, IC=1mA
IC/IB
=10mA/1mA
VCE
=10V, IE=−5mA, f=100MHz
V
V
µA
µA
V
k
MHz
Typ.
0.5
0.5
600
0.3
13
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Transition frequency
∗ Transition frequency of the device
Packaging specifications
DTC114TE
DTC114TM
Type
DTC114TUA
DTC114TKA
DTC114TSA
Package
Package type
TL
EMT3
3000
Taping
T2L
VMT3
8000
Taping
UMT3
T106
3000
Taping
SMT3
T146
3000
Taping
SPT
TP
5000
Taping
Code
Basic ordering
unit (pieces)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn