Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-4455-BH19F Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-4455-BH19F
Description  2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 19 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-4455-BH19F Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-4455-BH19F Datasheet HTML 1Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 2Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 3Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 4Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 5Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 6Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 7Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 8Page - Molex Electronics Ltd. A-4455-BH19F Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-4455-BH19F(P909)
Reference - Drawing Numbers
Packaging Specification
PK-44646-001
Product Specification
PS-10-07, PS-99020-0088
Sales Drawing
SDA-4455
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-4455-BH19F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4455-BH19D MOLEX2-A-4455-BH19D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關") Tin (Sn), 19 Circuits
A-4455-BH19D MOLEX2-A-4455-BH19D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 19 Circuits
A-4455-BH19D MOLEX2-A-4455-BH19D Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.50關m (20關) Gold (Au), 19 Circuits
A-4455-BH19J MOLEX2-A-4455-BH19J Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 0.80關m (30關) Gold (Au), 19 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com