Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB113EK Datasheet(PDF) 2 Page - Rohm

Part # DTB113EK
Description  Digital transistors (built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB113EK Datasheet(HTML) 2 Page - Rohm

  DTB113EK Datasheet HTML 1Page - Rohm DTB113EK Datasheet HTML 2Page - Rohm DTB113EK Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTB113EK / DTB113ES
Transistors
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−3
0.7
33
0.8
1
1
200
−0.5
−0.3
−7.2
−0.5
1.3
1.2
V
VCC=
−5V, IO= −100µA
VO=
−0.3V, IO= −20mA
IO/II=
−50mA/−2.5mA
VI=
−5V
VCC=
−50V, VI= 0V
VO=
−5V, IO= −50mA
VCE=
−10V, IE= 50mA, f= 100MHz
V
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
Transition frequency of the device
Packaging specifications
SMT3
SPT
DTB113EK
Part No.
DTB113ES
T146
3000
TP
5000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
Electrical characteristics curves
VO=
−0.3V
OUTPUT CURRENT : IO (
A)
-100m
-200m
-500m
-1
-2
-10
-20
-5
-50
-100
-1m
-500
µ
-2m
-5m -10m -20m -50m-100m-200m -500m
Fig.1 Input voltage vs. output current
(ON characteristics)
Ta=
−40 C
25 C
100 C
INPUT VOLTAGE : VI (off) (
V)
0
-3.0
-10m
-1
µ
-2m
-5m
-1m
-200
µ
-500
µ
-100
µ
-20
µ
-50
µ
-10
µ
-2
µ
-5
µ
-0.5
-1.0
-1.5
-2.0
-2.5
VCC=
−5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta=100 C
25 C
−40 C
VO=
−5V
OUTPUT CURRENT : IO (
A)
1k
500
200
100
50
20
10
5
2
1
-1m
-500
µ
-2m
-5m -10m -20m -50m-100m-200m -500m
Fig.3 DC current gain vs. output
current
Ta=100 C
25 C
−40 C
lO/lI=20
-1
-500m
-200m
-100m
-10m
-50m
-5m
-20m
-2m
-1m
OUTPUT CURRENT : IO (
A)
-1m
-500
µ
-2m
-5m -10m -20m -50m-100m-200m -500m
Fig.4 Output voltage vs. output
current
Ta=100 C
25 C
−40 C


Similar Part No. - DTB113EK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB113EK ROHM-DTB113EK Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
DTB113EKFRA ROHM-DTB113EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTB113EK ROHM-DTB113EK_09 Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK_15 Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
More results

Similar Description - DTB113EK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com