Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA115ESA Datasheet(PDF) 2 Page - Rohm

Part # DTA115ESA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA115ESA Datasheet(HTML) 2 Page - Rohm

  DTA115ESA Datasheet HTML 1Page - Rohm DTA115ESA Datasheet HTML 2Page - Rohm DTA115ESA Datasheet HTML 3Page - Rohm DTA115ESA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTA115EM / DTA115EE / DTA115EUA
Transistors
DTA115EKA / DTA115ESA
Rev.A
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCC
VI
IO
IC(Max.)
Pd
Tj
Tstg
Limits
−50
−40 to +10
−20
−100
150
200
300
DTA115EM / DTA115EE
DTA115EUA / DTA115EKA
DTA115ESA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
82
70
−0.1
250
100
−0.5
−0.3
−0.15
−0.5
130
V
V
mA
µA
MHz
k
VCC
= −5V, IO= −100µA
VI(on)
−3
−−
VO
= −0.3V, IO= −1mA
IO
= −5mA, II= −0.25mA
VI
= −5V
VCC
= −50V, VI=0V
IO
= −5mA, VO= −5V
VCE
= −10V, IE=5mA, f=100MHz ∗
R2/R1
0.8
1
1.2
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
Transition frequency of the device.
Resistance ratio
Package, marking, and packaging specifications
Type
DTA115EE
EMT3
19
TL
3000
DTA115EM
VMT3
19
T2L
8000
DTA115EUA
UMT3
19
T106
3000
DTA115EKA
SMT3
19
T146
3000
DTA115ESA
SPT
TP
5000
Package
Marking
Packaging code
Basic ordering unit (pieces)


Similar Part No. - DTA115ESA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115ES3 CYSTEKEC-DTA115ES3 Datasheet
165Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA115ESA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com