Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114YUA Datasheet(PDF) 3 Page - Rohm

Part # DTA114YUA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114YUA Datasheet(HTML) 3 Page - Rohm

  DTA114YUA Datasheet HTML 1Page - Rohm DTA114YUA Datasheet HTML 2Page - Rohm DTA114YUA Datasheet HTML 3Page - Rohm DTA114YUA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTA114YM / DTA114YE / DTA114YUA
Transistors
DTA114YKA / DTA114YSA
!
!
!
!
Electrical characteristic curves
VO
=−0.3V
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ−5m
−50m
−5
−2
−1
−500m
25
°C
100
°C
Ta
=−40°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC
=−5V
0
−3.0
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1.0
−1.5 −2.0
−2.5
INPUT VOLTAGE : VI(off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
VO
=−5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
Fig.3 DC current gain vs. output
current
Ta
=100°C
25
°C
−40°C
lO/lI
=20
−500m
−1
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Ta
=100°C
25
°C
−40°C
−100µ
−1m
−10m
−100m
−200µ
−2m
−20m
−500µ−5m
−50m
Fig.4 Output voltage vs. output
current


Similar Part No. - DTA114YUA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA114YUA JIANGSU-DTA114YUA Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
logo
List of Unclassifed Man...
DTA114YUA ETC2-DTA114YUA Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
SeCoS Halbleitertechnol...
DTA114YUA SECOS-DTA114YUA Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA114YUA ROHM-DTA114YUA Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTA114YUA RECTRON-DTA114YUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA114YUA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com