Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

40160-05-100B Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. 40160-05-100B
Description  2.50mm (.098") Pitch Round Conductor Flat Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

40160-05-100B Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  40160-05-100B Datasheet HTML 1Page - Molex Electronics Ltd. 40160-05-100B Datasheet HTML 2Page - Molex Electronics Ltd. 40160-05-100B Datasheet HTML 3Page - Molex Electronics Ltd. 40160-05-100B Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 40160-05-100B

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
40160-02-100B MOLEX3-40160-02-100B Datasheet
224Kb / 4P
   2.50mm (.098") Pitch Round Conductor Flat Cable
40160-03-100B MOLEX3-40160-03-100B Datasheet
224Kb / 4P
   2.50mm (.098") Pitch Round Conductor Flat Cable
40160-04-100B MOLEX3-40160-04-100B Datasheet
224Kb / 4P
   2.50mm (.098") Pitch Round Conductor Flat Cable
40160-06-100B MOLEX3-40160-06-100B Datasheet
224Kb / 4P
   2.50mm (.098") Pitch Round Conductor Flat Cable
40160-07-100B MOLEX3-40160-07-100B Datasheet
224Kb / 4P
   2.50mm (.098") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34 ) Stranded, Topcoat, 7 Circuits
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz