Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4809C Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 4809C
Description  KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

4809C Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  4809C Datasheet HTML 1Page - Molex Electronics Ltd. 4809C Datasheet HTML 2Page - Molex Electronics Ltd. 4809C Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0097000450
Status:
Active
Overview:
kk
Description:
KK® Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
Documents:
3D Model
Product Specification PS-99020-0088 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-10-07 (PDF)
General
Product Family
Crimp Terminals
Series
4809
Crimp Quality Equipment
Yes
Overview
kk
Product Name
Cat Ear, KK®
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Unplated
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.57mm (.062") max.
Wire Size AWG
22, 24, 26, 28, 30
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-10-07, PS-99020-0088
Sales Drawing
SD-4809C-(***)*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
4809Series
Use With
5051, 6471
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030022
Terminator Die
0011402102
Insertion Tool
0638120000
Mini-Mac™ for KK®
Cat Ear and Anti
Fish Hook Crimp
Terminals, 22-30
AWG
0638887000


Similar Part No. - 4809C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4809C MOLEX1-4809C Datasheet
135Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel
4809C-IBF MOLEX3-4809C-IBF Datasheet
132Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
4809C-L MOLEX1-4809C-L Datasheet
133Kb / 2P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Bag
4809C-M MOLEX1-4809C-M Datasheet
133Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Selective Gold, Reel
4809CP902BF MOLEX3-4809CP902BF Datasheet
132Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
More results

Similar Description - 4809C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0097000001 MOLEX3-0097000001 Datasheet
132Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0008550112 MOLEX1-0008550112 Datasheet
133Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Selective Gold, Reel
0008500031 MOLEX1-0008500031 Datasheet
135Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel
0008550110 MOLEX1-0008550110 Datasheet
173Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Reel Selective Gold (Au)
0008560120 MOLEX1-0008560120 Datasheet
173Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Reel Selective Gold (Au)
0008500135 MOLEX1-0008500135 Datasheet
172Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0008500136 MOLEX1-0008500136 Datasheet
172Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0008500032 MOLEX1-0008500032 Datasheet
133Kb / 2P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Bag
0008500030 MOLEX1-0008500030 Datasheet
134Kb / 3P
   KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel, 2.20mm (.087") Insulation Crimp
0008520105 MOLEX1-0008520105 Datasheet
99Kb / 3P
   KK짰 Cat Ear Crimp Terminal 8088, 22-30 AWG, Tin, Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com