Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


BU4S81 Datasheet(PDF) 3 Page - Rohm

Part No. BU4S81
Description  Single 2-input AND gate
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 3 page
background image
3
Standard ICs
BU4S81
Switching characteristics (unless otherwise noted, Ta = 25°C, VSS = 0V, CL = 50pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
70
200
ns
5
Fig.2
35
100
ns
10
30
80
ns
15
70
200
ns
5
35
100
ns
10
30
80
ns
15
90
200
ns
5
45
100
ns
10
30
80
ns
15
90
200
ns
5
45
100
ns
10
30
80
ns
15
VDD (V)
tPLH
tTHL
tTLH
tPHL
Output rise time
Output fall time
Propagation delay time
Measurement circuits
V
A
VDD
VSS
Fig.1 DC characteristics measurement circuit
VDD
VSS
P.G.
CL = 50pF
tTLH
tTHL
20ns
20ns
90%
50%
10%
90%
50%
10%
tPHL
tPLH
VDD
VSS
VOH
VOL
Fig.2 Switching characteristics measurement circuit
Input waveform
Output waveform




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVC1G08Single 2-input AND gate 1 2 3 4 5 MoreNXP Semiconductors
74AUC1G08Single 2-input AND gate 1 2 3 4 5 MoreNXP Semiconductors
74V1G08STRSINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
74LX1G08LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT 1 2 3 4 5 MoreSTMicroelectronics
NL17SZ08Single 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor
NL17SV08XV5T2Single 2-Input AND Gate 1 2 3 4 5 MoreNew Japan Radio
74V1G08SINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74HC1G08Single 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor
74V1T08SINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC1G092-Input AND Gate with Open Drain Output 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl