Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145202EVK Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC145202EVK
Description  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202EVK Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC145202EVK Datasheet HTML 7Page - Motorola, Inc MC145202EVK Datasheet HTML 8Page - Motorola, Inc MC145202EVK Datasheet HTML 9Page - Motorola, Inc MC145202EVK Datasheet HTML 10Page - Motorola, Inc MC145202EVK Datasheet HTML 11Page - Motorola, Inc MC145202EVK Datasheet HTML 12Page - Motorola, Inc MC145202EVK Datasheet HTML 13Page - Motorola, Inc MC145202EVK Datasheet HTML 14Page - Motorola, Inc MC145202EVK Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MC145192EVK
• MC145202EVK
11
MOTOROLA
SCREENS
Screen #1 ‘Define boards to program’
The first screen the user sees when the program begins has a screen title of ‘Define boards to program’.
This screen is used to define which boards are connected to the LPT1 printer port of the computer. Refer
to the hardware setup section to determine how to cascade the evaluation boards.
This screen is also available from the main menu (screen #2). The user may return to this screen to
change the boards that are connected to the computer.
The screen is divided into two sections. The upper section shows the current board type settings while
the lower section allows the user to define a board’s type and position in the cascade connection.
Notice the section labeled ‘Available Boards:’ shows three labels, one for each board that may be cas-
caded. When the program first starts up it shows ‘N/A’ (not applicable) after each label. The user must
enter the boards contiguously. Initially the program requests for the user to enter board A’s type. This is
signified by
A (in the screen below) being set to A. The user can the select the board type for board A by
typing the corresponding command.
Once board A’s type is selected,
A automatically increments to B and the process may be repeated.
Once all boards have been correctly defined, the user may select [Q] which sends default data to the
boards and continues to the next screen. NOTE: Before selecting [Q], the user should insure that the
DIP switch settings shown in Figure 2 are correct.
If a board is incorrectly identified, select the board that is not correctly defined by typing the correspond-
ing board letter ([A], [B], or [C]). The user may then reselect the board’s type. Once the board has been
identified, the user may select the letter ([A], [B], or [C]) of the board followed by [S] to change hardware–
dependent variables for that board. See screen #1b.
[X] can be selected to exit the program completely. [?] can be selected to view the help screen.
Welcome to MC145xxx EVK Demonstration Program, rev 2.5
Define boards to program
Available Boards:
Brd [A]!: N/A
Brd [B]!: N/A
Brd [C]!: N/A
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Board
A is:
[–]! no board
[4]! MC145200
[1]! MC145190
[5]! MC145201
[2]! MC145191
[6]! MC145202
[3]! MC145192
[–] Boards defined, Continue
[X]! Terminate demonstration program. [?]! View help screen.


Similar Part No. - MC145202EVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

Similar Description - MC145202EVK

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com