Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41771-0018 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 41771-0018
Description  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 18 Circuits, Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41771-0018 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  41771-0018 Datasheet HTML 1Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 2Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 3Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 4Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 5Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 6Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 7Page - Molex Electronics Ltd. 41771-0018 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
41771
REV:
ECR/ECN NFORMATION:
SHEET No.
EC No.:
UCP2010-1257
H3
DATE:
11/30/2009
TITLE:
KK 156 HEADER ASSY
FLAT VERT
W/O PEGS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41771-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41771-0002/0018
Group
A-41771-0899/0915
Group
A-41771-0916/0932
Group
A-41771-0036/0052
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
2161-94 (102)
Pin No:
43294-0209
Pin No:
43294-0210
Pin No:
2161-3 (102)
Plating:
102 – TIN
Plating:
208 - GOLD
Plating:
228 – GOLD
Plating:
102 – TIN
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
23.80 /. 937
Mating
X
11.43 / .450
Mating
X
11.43 / .450
Mating
X
11.43 / .450
Mating
X
16.89 / .665
Gold Loc G
N/A
Gold Loc G
6.86 / .270
Gold Loc G
6.86 / .270
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.61 / .142
Tin Loc
T
OVERALL
Tin Loc
T
4.06 / .160
Tin Loc
T
4.06 / .160
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41771-001
Pack Per
PK-41771-001
Pack Per
PK-41771-001
Pack Per
PK-41771-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-2020
A-41771-0002
41771-0899
A-41771-0899
41771-0916
A-41771-0916
26-60-2021
A-41771-0036
3
26-60-2030
A-41771-0003
41771-0900
A-41771-0900
41771-0917
A-41771-0917
26-60-2031
A-41771-0037
4
26-60-2040
A-41771-0004
41771-0901
A-41771-0901
41771-0918
A-41771-0918
26-60-2041
A-41771-0038
5
26-60-2050
A-41771-0005
41771-0902
A-41771-0902
41771-0919
A-41771-0919
26-60-2051
A-41771-0039
6
26-60-2060
A-41771-0006
41771-0903
A-41771-0903
41771-0920
A-41771-0920
26-60-2061
A-41771-0040
7
26-60-2070
A-41771-0007
41771-0904
A-41771-0904
41771-0921
A-41771-0921
26-60-2071
A-41771-0041
8
26-60-2080
A-41771-0008
41771-0905
A-41771-0905
41771-0922
A-41771-0922
26-60-2081
A-41771-0042
9
26-60-2090
A-41771-0009
41771-0906
A-41771-0906
41771-0923
A-41771-0923
26-60-2091
A-41771-0043
10
26-60-2100
A-41771-0010
41771-0907
A-41771-0907
41771-0924
A-41771-0924
26-60-2101
A-41771-0044
11
26-60-2110
A-41771-0011
41771-0908
A-41771-0908
41771-0925
A-41771-0925
26-60-2111
A-41771-0045
12
26-60-2120
A-41771-0012
41771-0909
A-41771-0909
41771-0926
A-41771-0926
26-60-2121
A-41771-0046
13
26-60-2130
A-41771-0013
41771-0910
A-41771-0910
41771-0927
A-41771-0927
26-60-2131
A-41771-0047
14
26-60-2140
A-41771-0014
41771-0911
A-41771-0911
41771-0928
A-41771-0928
26-60-2141
A-41771-0048
15
26-60-2150
A-41771-0015
41771-0912
A-41771-0912
41771-0929
A-41771-0929
26-60-2151
A-41771-0049
16
26-60-2160
A-41771-0016
41771-0913
A-41771-0913
41771-0930
A-41771-0930
26-60-2161
A-41771-0050
17
26-60-2170
A-41771-0017
41771-0914
A-41771-0914
41771-0931
A-41771-0931
26-60-2171
A-41771-0051
18
26-60-2180
A-41771-0018
41771-0915
A-41771-0915
41771-0932
A-41771-0932
26-60-2181
A-41771-0052


Similar Part No. - 41771-0018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0018 MOLEX11-41771-0018 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 18 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com