Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42249-14A Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 42249-14A
Description  2.50mm (.098") Pitch SPOX??Header, Shrouded, Staggered Footprint, 14 Circuits, White
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42249-14A Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  42249-14A Datasheet HTML 1Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 2Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 3Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 4Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 5Page - Molex Electronics Ltd. 42249-14A Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO:
UCP2006-0509
S
DATE:
3/29/2006
TITLE:
2.5 MM HEADER ASSEMBLY
(STAGGERED PINS)
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42249-*
ELHAG
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42249-NA-*
A-422649-NB-*
A-42249-NC-*
HOUSING
42249-N
HOUSING
42249-NA
HOUSING
42249-NB
COLOR
WHITE
COLOR
BLUE
COLOR
BROWN
PIN NO
45613-0001
PIN NO
45613-0001
PIN NO
45613-0001
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-43-6020
A-42249-2A
2
22-44-7026
A-42249-2B
2
22-44-7025
A-42249-2C
3
22-43-6030
A-42249-3A
3
22-44-7036
A-42249-3B
3
22-44-7035
A-42249-3C
4
22-43-6040
A-42249-4A
4
22-44-7046
A-42249-4B
4
22-44-7045
A-42249-4C
5
22-43-6050
A-42249-5A
5
22-44-7056
A-42249-5B
5
22-44-7055
A-42249-5C
6
22-43-6060
A-42249-6A
6
A-42249-6B
6
22-44-7065
A-42249-6C
7
22-43-6070
A-42249-7A
7
A-42249-7B
7
22-44-7075
A-42249-7C
8
22-43-6080
A-42249-8A
8
A-42249-8B
8
22-44-7085
A-42249-8C
9
22-43-6090
A-42249-9A
9
A-42249-9B
9
22-44-7095
A-42249-9C
10
22-43-6100
A-42264910A
10
A-42264910B
10
22-44-7105
A-42249-10C
11
22-43-6110
A-42249-11A
11
A-42249-11B
11
22-44-7115
A-42249-11C
12
22-43-6120
A-42249-12A
12
A-42249-12B
12
22-44-7125
A-42249-12C
13
22-43-6130
A-42249-13A
13
A-42249-13B
13
22-44-7135
A-42249-13C
14
22-43-6140
A-42249-14A
14
A-42249-14B
14
22-44-7145
A-42249-14C
15
22-43-6150
A-42249-15A
15
A-42249-15B
15
22-44-7155
A-42249-15C
22-43-6041
A-42249-4A-2
2
22-43-6042
A-42249-4A-3
3
22-43-6063
A-42249-6A-51
3,5
22-43-6064
A-42249-6A-52
2,4
22-43-6032
A-42249-3A-3
3
022-43-6073
A-42249-07A-51
2,5
022-43-6072
A-42249-07A-3
3
022-43-6074
A-42249-07A-5
5
022-43-6075
A-42249-07A-52
3,6
022-43-6061
A-42249-06A-5
5
022-43-6065
A-42249-06A-2
2


Similar Part No. - 42249-14A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42249-14A MOLEX11-42249-14A Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 14 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com