Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BU4538B Datasheet(PDF) 3 Page - Rohm

Part No. BU4538B
Description  Dual precision monostable multivibrator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BU4538B Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BU4538B
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
tTLH
100
ns
5
50
10
40
15
tTHL
100
ns
5
50
10
40
15
tPLH
tPHL
300
ns
5
150
10
100
15
tPLH
tPHL
250
ns
5
125
10
95
15
tWIN
50
ns
5
30
10
25
15
tWOUT1
185
200
215
µs
5
185
200
215
10
185
200
215
15
tWOUT2
8.8
9.4
10.0
ms
5
8.8
9.4
10.0
10
8.8
9.4
10.0
15
trr
0
ns
5
0
10
0
15
CIN
5
pF
——
CX = 2000pF, RX = 100k
CX = 0.1
µF, RX = 100kΩ
VDD (V)
Output rise time
Output fall time
Propagation delay
time A, B to Q, Q
Propagation delay
time CD to Q, Q
Minimum input
pulse width
Output pulse width 1
Output pulse width 2
Minimum retrigger
time
Input capacitance
Switching characteristics (unless otherwise noted, Ta = 25°C, CL = 50pF, VSS = 0V)
Recommended operating conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
RX
5
1000
k
CX
No Limit
pF
External timing resistance
External timing capacitance


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn