Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42377-0224 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 42377-0224
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 14 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42377-0224 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  42377-0224 Datasheet HTML 1Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 2Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 3Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 4Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 5Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 6Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 7Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 8Page - Molex Electronics Ltd. 42377-0224 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0002 / 0036
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AZA154
PIN LENGTH: L
.550/13.97
MATING LENGTH: M
.244/6.20
GOLD POINT: G
N/A
PI N HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8020 42377-0002
20
22-28-8200 42377-0020
03
22-28-8030 42377-0003
21
22-28-8210 42377-0021
04
22-28-8040 42377-0004
22
22-28-8220 42377-0022
05
22-28-8050 42377-0005
23
22-28-8230 42377-0023
06
22-28-8060 42377-0006
24
22-28-8240 42377-0024
07
22-28-8070 42377-0007
25
22-28-8250 42377-0025
08
22-28-8080 42377-0008
26
22-28-8260 42377-0026
09
22-28-8090 42377-0009
27
22-28-8270 42377-0027
10
22-28-8100 42377-0010
28
22-28-8280 42377-0028
11
22-28-8110 42377-0011
29
22-28-8290 42377-0029
12
22-28-8120 42377-0012
30
22-28-8300 42377-0030
13
22-28-8130 42377-0013
31
22-28-8310 42377-0031
14
22-28-8140 42377-0014
32
22-28-8320 42377-0032
15
22-28-8150 42377-0015
33
22-28-8330 42377-0033
16
22-28-8160 42377-0016
34
22-28-8340 42377-0034
17
22-28-8170 42377-0017
35
22-28-8350 42377-0035
18
22-28-8180 42377-0018
36
22-28-8360 42377-0036
19
22-28-8190 42377-0019
A-42377-0037 / 0071
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BSA154
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
N/A
PI N HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8021
42377-0037
20
22-28-8201 42377-0055
03
22-28-8031
42377-0038
21
22-28-8211 42377-0056
04
22-28-8041
42377-0039
22
22-28-8221 42377-0057
05
22-28-8051
42377-0040
23
22-28-8231 42377-0058
06
22-28-8061
42377-0041
24
22-28-8241 42377-0059
07
22-28-8071
42377-0042
25
22-28-8251 42377-0060
08
22-28-8081
42377-0043
26
22-28-8261 42377-0061
09
22-28-8091
42377-0044
27
22-28-8271 42377-0062
10
22-28-8101
42377-0045
28
22-28-8281 42377-0063
11
22-28-8111
42377-0046
29
22-28-8291 42377-0064
12
22-28-8121
42377-0047
30
22-28-8301 42377-0065
13
22-28-8131
42377-0048
31
22-28-8311 42377-0066
14
22-28-8141
42377-0049
32
22-28-8321 42377-0067
15
22-28-8151
42377-0050
33
22-28-8331 42377-0068
16
22-28-8161
42377-0051
34
22-28-8341 42377-0069
17
22-28-8171
42377-0052
35
22-28-8351 42377-0070
18
22-28-8181
42377-0053
36
22-28-8361 42377-0071
19
22-28-8191
42377-0054


Similar Part No. - 42377-0224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0224 MOLEX11-42377-0224 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com