Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4052BC Datasheet(PDF) 4 Page - Rohm

Part # BU4052BC
Description  Dual 4-channel analog multiplexer / demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4052BC Datasheet(HTML) 4 Page - Rohm

  BU4052BC Datasheet HTML 1Page - Rohm BU4052BC Datasheet HTML 2Page - Rohm BU4052BC Datasheet HTML 3Page - Rohm BU4052BC Datasheet HTML 4Page - Rohm BU4052BC Datasheet HTML 5Page - Rohm BU4052BC Datasheet HTML 6Page - Rohm BU4052BC Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Standard ICs
BU4052BC / BU4052BCF / BU4052BCFV
Switching characteristics (unless otherwise noted, Ta = 25°C, VEE = VSS = 0V, RL = 1k
Ω, CL = 50pF)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Propagation delay time
Switch IN
→ OUT
Propagation delay time
CONT
→ OUT
Propagation delay time
INH
→ OUT
Maximum propagation frequency
Feedthrough attentuation
Sine wave distortion ratio
Input capacitance (control)
Input capacitance (switch)
—15
45
ns
5
Fig.4
8
20
10
6
15
15
170
550
ns
5
90
240
10
70
160
15
150
380
ns
5
70
200
10
50
160
15
20
MHz
5
Fig.7
FT
0.5
MHz
5
Fig.7
D
0.02
%
5
Fig.7
CC
—5—
pF
CS
10
pF
VDD (V)
tPZH, tPZL
tPHZ, tPLZ
tPZH, tPZL
tPHZ, tPLZ
tPLH, tPHL
fMax.
Fig.5, 6
Fig.5, 6
1 VIN = 5VP-P sine wave, frequency that enables 20 log10 VOUT / VIN = – 3dB.
2 VIN = 5VP-P sine wave, frequency that enables 20 log10 VOUT / VIN = – 50dB at channel off.
3 VIN = 5VP-P sine wave.
VEE = – 5V1
VEE = – 5V2
VEE = – 5V3
Measurement circuits
IIN
VIN
A
B
INH
VEE
COMMON
OUT / IN
CHANNEL
IN / OUT
A
VDD
VDD
Fig.1 Input voltage, current
RL = 10k
GND
V
VIN
A
B
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
VDD / 2
RL = 10k
V
VIN
VOUT
RON = RL
VOUT
– 1
(
)
VCONTROL IN
Fig.2 ON resistance
VEE
GND


Similar Part No. - BU4052BC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4052BC ROHM-BU4052BC Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BC ROHM-BU4052BC Datasheet
1Mb / 21P
   Dual 4ch Analog Multiplexer/Demultiplexer
logo
List of Unclassifed Man...
BU4052BC ETC2-BU4052BC Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BU4052BC-E2 ROHM-BU4052BC-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4052BC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com