Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BU4051BC Datasheet(PDF) 4 Page - Rohm

Part No. BU4051BC
Description  8-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BU4051BC Datasheet(HTML) 4 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Standard ICs
BU4051BC / BU4051BCF / BU4051BCFV
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
VDD or GND
GND or VDD
A
VCONTROL IN
Fig. 3 OFF-channel leakage current
VEE
GND
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
CL
P.G.
RL
VDD
Input
GND
tPLH
tPHL
50%
Output
50%
VCONTROL IN
Fig. 4 Propagation delay time (Switch IN to OUT)
VEE
GND
VDD
A
B
C
INH
COMMON
OUT / IN
CHANNEL
IN / OUT
VDD
OUT
CL
P.G.
RL
VDD
Input
GND
Output
50%
50%
90%
tPZH
tPHZ
Fig. 5 Propagation delay time (CONT, INH to OUT)
VEE
GND


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn