Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BU4051BC Datasheet(PDF) 2 Page - Rohm

Part No. BU4051BC
Description  8-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BU4051BC Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard ICs
BU4051BC / BU4051BCF / BU4051BCFV
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage 2
VDD—VEE
V
Power supply voltage 1
VDD
– 0.5 ~ + 20
– 0.5 ~ + 20
– 40 ~ + 85
– 55 ~ + 150
V
Power dissipation
Pd
1000 (DIP), 500 (SOP), 400 (SSOP)
mW
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Input voltage
VIN
– 0.5 ~ VDD + 0.5
V
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VEE = VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input high-level voltage
VIH
3.5
V
5
7.0
10
11.0
15
Input low-level voltage
VIL
1.5
V
5
3.0
10
4.0
15
Input high-level current
IIH
0.3
µA15
VIH = 15V
Input low-level current
IIL
– 0.3
µA15
VIL = 0V
RON resistance
RON
950
5
250
10
160
15
RON resistance deflexion
—10—
5
—6—
10
—4—
15
OFF-channel
leakage current
IOFF
0.3
µA
15
– 0.3
15
Static current dissipation
IDD
——
5
µA
5
VI = VDD
VIN = VDD / 2
or GND
10
10
15
15
VDD (V)
∆RON


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn