Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU38703 Datasheet(PDF) 4 Page - Rohm

Part # BU38703
Description  System control servo
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU38703 Datasheet(HTML) 4 Page - Rohm

  BU38703 Datasheet HTML 1Page - Rohm BU38703 Datasheet HTML 2Page - Rohm BU38703 Datasheet HTML 3Page - Rohm BU38703 Datasheet HTML 4Page - Rohm BU38703 Datasheet HTML 5Page - Rohm BU38703 Datasheet HTML 6Page - Rohm BU38703 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Video ICs
BU38603 / BU38703 / BU38803
Electrical characteristics (unless otherwise noted, Ta = 25°C, VDD = 5V and fOSC = 8MHz)
IDD
12
19
mA
Fig.1
VH
4.0
4.5
V
Fig.2
VL
0.5
1.0
V
Fig.2
ILL
10.0
16.0
mA
Fig.2
VIH
4.0
V
Fig.2
VIL
1.0
V
Fig.2
IH
0
1.0
µA
Fig.2
IL
– 1.0
0
µA
Fig.2
TSH
0.16
µs—
TSS
0.16
µs—
TD
0.3
µs—
ILI
10
26
mA
Fig.1
IAD
0.6
2.0
mA
Fig.1
EL
– 3
0
3
LSB
Fig.3
VADPH
4.0
V
Fig.3
VADPL
1.0
V
Fig.3
IADPH
0
1.0
µA
Fig.3
IADPL
– 1.0
0
µA
Fig.3
〈Logic I / O〉
〈Serial I / O〉
[Logic block]
[Linear block] (Linear: pins 11 to 23)
[A / D block]
Operating supply current
Output high level voltage
Output low level voltage
Max. output low level current
Input high level voltage
Input low level voltage
Input high level current
Input low level current
Input data hold
Input data setup
Output data delay
Operating supply current
Operating supply current
Linearity error
Input high level voltage
Input low level voltage
Input high level current
Input low level current
I = 2mA
VIN = VDD
VIN = 0
I = 1mA: 66 to 73pin
66 to 73pin
(A / D: pins 1 to 10)
No load, when reset
I = 2mA: except pins 66 to 73
Between CLOCK and DATA
No load
When P input selected
When P input selected
When P input selected, VIN = VDD
When P input selected, VIN = 0
Parameter
Symbol
Min.
Typ.
Max.
Unit
Measurement
circuit
Conditions
(Logic: pins 24 to 80)


Similar Part No. - BU38703

ManufacturerPart #DatasheetDescription
logo
Rohm
BU38UA3WNVX-TL ROHM-BU38UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU38UC3WG-TL ROHM-BU38UC3WG-TL Datasheet
1Mb / 26P
   High accuracy detection
BU38UC3WG-TR ROHM-BU38UC3WG-TR Datasheet
1Mb / 26P
   High accuracy detection
More results

Similar Description - BU38703

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R88A-CPG001S OMRON-R88A-CPG001S Datasheet
13Mb / 52P
   Accurax G5 Servo System
R88MG10030HS2 OMRON-R88MG10030HS2 Datasheet
2Mb / 17P
   G-SERIES SERVO SYSTEM
logo
Mitsubishi Electric Sem...
M51594AFP MITSUBISHI-M51594AFP Datasheet
796Kb / 13P
   OPTICAL PICKUP SERVO CONTROL
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
logo
Rohm
BA6302A ROHM-BA6302A Datasheet
58Kb / 4P
   FG system speed servo controller
logo
MotionKing Motor Indust...
MEZ MOTIONKING-MEZ Datasheet
730Kb / 8P
   2-Phase Stepper Servo System
logo
Rohm
BA6301 ROHM-BA6301 Datasheet
96Kb / 4P
   FG system speed servo controller
logo
Festo Corporation.
8118457 FESTO-8118457 Datasheet
94Kb / 1P
   Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
   Control system
1/21/22
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com