Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2879AK Datasheet(PDF) 1 Page - Rohm

Part # BU2879AK
Description  FL tube driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2879AK Datasheet(HTML) 1 Page - Rohm

  BU2879AK Datasheet HTML 1Page - Rohm BU2879AK Datasheet HTML 2Page - Rohm BU2879AK Datasheet HTML 3Page - Rohm BU2879AK Datasheet HTML 4Page - Rohm BU2879AK Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Standard ICs
FL tube driver
BU2879AK
The BU2879AK is a driver IC for fluorescent displays. It is equipped with 26 high-voltage withstand outputs and can
display from 11 segments of 15 characters to 16 segments of 8 characters. This IC is equipped with a key scanning
function, and general-purpose input pins, and is ideal for front panels in VTRs and other equipment. A serial interface
allows functions to be controlled from a microcomputer.
Applications
VCRs
Absolute maximum ratings (Ta = 25°C, VSS = 0V)
Parameter
Applied voltage 1
Applied voltage 2
Input voltage
Power dissipation
VDD
VEE
VIN
Pd
– 0.3 ~ + 7.0
VDD + 0.3 ~ VDD – 40
– 0.3 ~ VDD + 0.3
850
V
Symbol
Limits
Unit
V
V
mW
Operating temperature
Topr
– 25 ~ + 75
°C
Storage temperature
Tstg
– 55 ~ + 125
°C
Note) Operation is not guaranteed at these values.
Note) Power dissipation is reduced by 8.5mW for each increase in Ta of 1
°C over 25°C.
When mounted on a 70 × 70 × 1.6mm glass epoxy board
Features
1) High withstanding voltage output.
2) Display modes: 11S
× 15G ~ 16S × 8G.
3) Variable display luminance (7 steps).
4) 3-wire serial interface.
5) Key scanning function (6
× 4).
6) Internal pull-down resistance
(high voltage withstand output).
7) QFP 44 package.
Recommended operating conditions (Ta = 25°C, VSS = 0V)
Parameter
Operating power supply voltage 1
VDD
4.5
5.0
5.5
V
Operating power supply voltage 2
VEE
VDD – 37
VDD – 35
VDD – 0
V
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - BU2879AK

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2871FS ROHM-BU2871FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2872AK ROHM-BU2872AK Datasheet
49Kb / 4P
   FL tube driver
BU2878FS ROHM-BU2878FS Datasheet
132Kb / 8P
   On-screen display for VCRs
More results

Similar Description - BU2879AK

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2872AK ROHM-BU2872AK Datasheet
49Kb / 4P
   FL tube driver
logo
Sanyo Semicon Device
LB1240 SANYO-LB1240 Datasheet
51Kb / 2P
   Fluorescent Display Tube Driver
LB1241 SANYO-LB1241 Datasheet
53Kb / 2P
   Fluorescent Display Tube Driver?
logo
Hammond Manufacturing L...
126C HAMMOND-126C Datasheet
200Kb / 1P
   TUBE DRIVER - INTERSTAGE TRANSFORMER
logo
OKI electronic componet...
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
   Fluorescent Display Tube Controller Driver
logo
Panasonic Semiconductor
MN12511 PANASONIC-MN12511 Datasheet
63Kb / 9P
   Fluorescent Display Tube Driver LSI
logo
Princeton Technology Co...
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com